Electronic Components Datasheet Search
  English  ▼

X  

RDF25 Datasheet(PDF) 1 Page - XP Power Limited

Part # RDF25
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF25 Datasheet(HTML) 1 Page - XP Power Limited

  RDF25 Datasheet HTML 1Page - XP Power Limited RDF25 Datasheet HTML 2Page - XP Power Limited RDF25 Datasheet HTML 3Page - XP Power Limited RDF25 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.00
(25.4)
2.00
(50.8)
1.73
(43.9)
0.02
(0.5)
0.45
(11.5)
0.10
(2.54)
0.20
(5.0)
0.17
(4.36)
0.30
(7.62)
0.30
(7.62)
0.32
(8.00)
0.10
(2.54)
0.10
(2.54)
0.69
(17.6)
2.00
(50.8)
1.00
(25.4)
Heatsink
Thermal Pad
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.24
(6.0)
DIA
0.04
(1.0)
DIA
0.04
(1.0)
Top View
Bottom View
Optional
Heatsink (-HK)
RDF25 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Notes
• Regulated Single Output
• Covers all nominal inputs from 24 to 110 VDC for Railway Applications
• Wide 10:1 Input Range
• 3000 VDC Isolation
• High Efficiency
• EN50155 Certified for Railway Applications
• EN50121-3-2 with External Components
• Remote On/Off
• Output Voltage Trim ±10%
• Operating Temperature -40 °C to +100 °C
• Full Power to +55 °C
• 3 Year Warranty
Dimensions:
RDF25:
2.0 x 1.0 x 0.45” (50.8 x 25.4 x 11.5 mm)
25 Watts
Models & Ratings
Mechanical Details
Pin Connections
Pin
Function
1
+Vin
2
-Vin
3
Control
4
+Vout
5
-Vout
6
Trim
Input voltage
Output voltage
Output current
Input current(1)
Maximum
capacitive load
Efficiency
Model number
No load
Full load
16-160 VDC
5.0 V
5000 mA
10 mA
413.36 mA
6800 µF
85%
RDF2572S05
12.0 V
2080 mA
412.70 mA
1000 µF
84%
RDF2572S12
15.0 V
1670 mA
409.31 mA
820 µF
85%
RDF2572S15
24.0 V
1040 mA
407.84 mA
470 µF
85%
RDF2572S24
1. Input current measured at nominal input voltage.
2. For heatsink add suffix ‘-HK’, e.g. RDF2572S15-HK
The RDF25 series provides an exceptional 10:1 input voltage of 16-160V DC covering all requirements of the railway standard EN50155. The
product features a robust design tested to railway standards and includes a remote on /off function, output voltage trimming, protection against
short circuit, undervoltage lockout, overtemperature, overload and overvoltage.
1. All dimensions are in inches (mm)
Notes


Similar Part No. - RDF25

ManufacturerPart #DatasheetDescription
logo
Star Micronics Co., Ltd...
RDF-07B STARMICRONICS-RDF-07B Datasheet
241Kb / 2P
RDF-07B
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF005 FCI-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF01 ETC1-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF01 FCI-RDF01 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results

Similar Description - RDF25

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com