Electronic Components Datasheet Search
  English  ▼

X  

H34063AS Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200407
Issued Date : 2003.04.01
Revised Date : 2005.03.25
Page No. : 3/7
H34063AP, H34063AS
HSMC Product Specification
Application Information
Design Formula Table
Calculation
Step-Down
Step-Up
Voltage-Inverting
t
on/toff
(V
out+VF)/(Vin(min) -Vsat-Vout)(Vout+VF-Vin(min))/(Vin(min)-Vsat)(|Vout|+VF)/(Vin(max)-Vsat)
(t
on+toff) max
1/F
min
1/F
min
1/F
min
C
T
4*10
-5t
on
4*10
-5t
on
4*10
-5t
on
I
C(sw)
2*I
out(max)
2*I
out(max)(ton+toff/toff)2*Iout(max)(ton+toff/toff)
R
S
0.3/I
C(sw)
0.3/I
C(sw)
0.3/I
C(sw)
L
(min)
(V
in(min)-Vsat/Ipk(sw))*ton(max)
(V
in(min)-Vsat/Ipk(sw))*ton(max)
(V
in(min)-Vsat/Ipk(sw))*ton(max)
C
O
(I
pk(sw)*(ton+toff))/(8*Vripple(P-P))Iout*ton/Vripple(P-P)
I
out*ton/Vripple(P-P)
V
sat: Saturation voltage of the output switch.
V
F: Forward voltage drop of the ringback rectifier.
The following power supply characteristics must be chosen:
V
in: Nominal input voltage.
V
out: Desired output voltage. |Vout|=1.25*(1+RB/RA)
I
out: Desired output current
F
min: Minimum desired output switching frequency at the selected values for Vin and Iout.
V
ripple(P-P): Desired peak to peak output ripple voltage in practice, the calculated value will need to be increased due to
the capacitor equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it
will directly effect the line and load regulation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com