Electronic Components Datasheet Search
  English  ▼

X  

H34063AS Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # H34063AS
Description  DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AS Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  H34063AS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H34063AS Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200407
Issued Date : 2003.04.01
Revised Date : 2005.03.25
Page No. : 4/7
H34063AP, H34063AS
HSMC Product Specification
Application Information (Continuos)
Fig.2 Step-Up Converter
Fig.3 Step-Up Converter With External NPN Switch
Fig.4 Step-Down Converter
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
Vout
28V / 200mA
R1
150
Ω
Cout
220uF
CT
680pF
Vin
RA
2.2k
Ω
RSC
0.22
C1
100uF
H34063A
L1
D1
200uH
H1N5819
RB
47k
Ω
Line Regulation: 100mV (Vin=8V~16V, @Io=200mA)
Load Regulation: 5mV (Vin=12V, @Io=80mA~200mA)
H34063A
RSC
C1
RA
R1
RB
CT
D1
L1
Q1
R2
Vin
Vout
Cout
Line Regulation: 40mV (Vin=10V~20V, @Io=500mA)
Load Regulation: 5mV (Vin=15V, @Io=10mA~500mA)
Short Circuit Current: 1.3A (Vin=15V, @RL=0.1
Ω
H34063A
Vout
5V / 500mA
RSC
0.25
L1
RB
RA
1.2k
Ω
3.6k
Ω
CT
470pF
D1
H1N5819
200uH
Cout
470uF
C1
100uF
Vin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com