Electronic Components Datasheet Search
  English  ▼

X  

RF2958TR13 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2958TR13
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958TR13 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2958TR13 Datasheet HTML 10Page - RF Micro Devices RF2958TR13 Datasheet HTML 11Page - RF Micro Devices RF2958TR13 Datasheet HTML 12Page - RF Micro Devices RF2958TR13 Datasheet HTML 13Page - RF Micro Devices RF2958TR13 Datasheet HTML 14Page - RF Micro Devices RF2958TR13 Datasheet HTML 15Page - RF Micro Devices RF2958TR13 Datasheet HTML 16Page - RF Micro Devices RF2958TR13 Datasheet HTML 17Page - RF Micro Devices RF2958TR13 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
11-276
RF2958
Rev A0 050209
IF PLL Register 2 (IFPLL2)-Address 00010
IF PLL Register 3 (IFPLL3)-Address 00011
RF PLL Register 4 (RFPLL1)-Address 00100
RF PLL Register 5 (RFPLL2)-Address 00101
RF PLL Register 6 (RFPLL3)-Address 00110
Location
Bit Name
Default
Function
IFPLL2(17:16)
Reserved
0
Reserved, program to zero (0)
IFPLL2(15:0)
IF_N(15:0)
22h
IFPLL divide-by-N value
Location
Bit Name
Default
Function
IFPLL3(17)
Reserved
0
Reserved, program to zero (0)
IFPLL3(16:8)
DN1(16:8)
1FFh
IF VCO KV Calibration, delta N value (signed 2’s complement)
DeltaF=DN1/(Fr)
IFPLL3(7:4)
CT_DEF1(3:0)
7h
IF VCO Coarse Tuning Value
IFPLL3(3:0)
KV_DEF1(3:0)
8h
IF VCO KV Calibration, default value
Location
Bit Name
Default
Function
RFPLL1(17)
PLL_EN
0
RF PLL Enable
0=disabled
1=enabled
RFPLL1(16)
KV_EN
0
RF PLL KV Calibration Enable
0=disabled
1=enabled
RFPLL1(15)
VTC_EN
1
RF PLL Coarse Tune Enable
0=VCO coarse tuning system is disabled
1=VCO coarse tuning system is enabled
RFPLL1(14)
LPF
0
RF PLL Loop Filter Bypass
0=Internal loop filter is used
1=Internal loop filter is bypassed and External loop filter is used
RFPLL1(13)
CPL
0
RF PLL Charge Pump Leakage Current
0=minimum value
1=2xminimum value
RFPLL1(12)
PDP
1
RF PLL Phase Detector Polarity
0=positive, VCO frequency increases with increasing tuning voltage
1=negative, VCO frequency decreases with increasing tuning voltage
RFPLL1(11)
AUTOCAL_EN
0
RF PLL Auto Calibration Enable
0=disabled
1=enabled
RFPLL1(10)
LD_EN
0
RF PLL Lock Detect Enable
0=disabled
1=enabled
RFPLL1(9)
P
0
RF PLL Prescaler Modulus
0=8/9 Mode
1=8/10 Mode
RFPLL1(8:4)
Reserved
00000
Reserved, program to zero (0)
RFPLL1(3:0)
DAC(3:0)
3h
RF VCO Coarse Tuning Voltage
LPF_V1=int (coarse tuning voltage/VDD)x16
Location
Bit Name
Default
Function
RFPLL2(17:6)
N2(11:0)
5Eh
RF PLL Divide By N Value
RFPLL2(5:0)
NUM2(23:18)
0
RF PLL Numerator Value
Location
Bit Name
Default
Function
RFPLL3(17:0)
NUM2(17:0)
0
RF PLL Numerator Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com