Electronic Components Datasheet Search
  English  ▼

X  

RF2958TR13 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2958TR13
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958TR13 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2958TR13 Datasheet HTML 12Page - RF Micro Devices RF2958TR13 Datasheet HTML 13Page - RF Micro Devices RF2958TR13 Datasheet HTML 14Page - RF Micro Devices RF2958TR13 Datasheet HTML 15Page - RF Micro Devices RF2958TR13 Datasheet HTML 16Page - RF Micro Devices RF2958TR13 Datasheet HTML 17Page - RF Micro Devices RF2958TR13 Datasheet HTML 18Page - RF Micro Devices RF2958TR13 Datasheet HTML 19Page - RF Micro Devices RF2958TR13 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
11-278
RF2958
Rev A0 050209
Power Control Register 10 (PCNT1)-Address 01010
Power Control Register 11 (PCNT2)-Address 01011
VCOT1 Register 1 (VCOT1)-Address 01100
Test Register 1 (TEST)-Address 11011
This is a test register for internal use only.
Location
Bit Name
Default
Function
PCNT1(17:15)
MID_BIAS(2:0)
000
Used to setup the voltage provided by the PA_BIAS AMPLIFIER to deter-
mine the BIAS VOLTAGE to provide to the PA when the desired output
power is MID_POWER. The MID_BIAS selection will select a VOUT on
PBIAS between 1.6V and 2.6V.
PCNT1(14:9)
P_DESIRED
(5:0)
000000
User selectable desired output power at antenna. The 5 MSB’s are integer
portion in dBm. The LSB is 0.5dBm. Example: +19.5dBm is represented by
100111.
PCNT1(8:3)
PC_OFFSET
(5:0)
000000
User programmable offset to adjust to process/board variations in the
power control loop. This is a 2’s-complement value with the LSB equal to
0.5dB.
PCNT1(2:0)
TX_DELAY
(2:0)
000
User programmable delay to allow a single TX_PE line to be used to enable
the BBP and the radio function. Programmable in 0.5us increments from
0us to 3.5us.
Location
Bit Name
Default
Function
PCNT2(17:12)
MAX_POWER
(5:0)
000000
User programmable MAX output power provided when PABIAS=2.6V. This
allows the power control function to be customized for various PA’s. The 5
MSB’s are integer portion in dBm. The LSB is 0.5dBm.
PCNT2(11:6)
MID_POWER
(5:0)
000000
User programmable MAX output power provided when
PABIAS=MID_BIAS. This allows the power control function to be custom-
ized for various PA’s. The 5 MSB’s are integer portion in dBm. The LSB is
0.5dBm.
PCNT2(5:0)
MIN_POWER
(5:0)
000000
User programmable MAX output power provided when PABIAS=1.6V. This
allows the power control function to be customized for various PA’s. The 5
MSB’s are integer portion in dBm. The LSB is 0.5dBm.
Location
Bit Name
Default
Function
VCOT1(17)
AUX
0
IF VCO Band Current Compensation
0=disabled
1=enabled
VCOT1(16)
AUX1
0
RF VCO Band Current Compensation
0=disabled
1=enabled
VCOT1(15:0)
Reserved
0
Reserved, program to zero (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com