Electronic Components Datasheet Search
  English  ▼

X  

14D Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 14D
Description  14D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

14D Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  14D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
14D series
www.yint.com.cn
Rev:19.3
3
14D 系列 电气参数 14D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
14D180L
18
15-21.6
11
14
36
1000
500
0.1
4.0
3.5
11.1k
14D220K
22
20-24
14
18
43
1000
500
0.1
5.0
4.0
9.1k
14D270K
27
24-30
17
22
53
1000
500
0.1
6.0
5.0
7.4K
14D330K
33
30-36
20
26
65
1000
500
0.1
7.5
6.0
6.1K
14D390K
39
35-43
25
31
77
1000
500
0.1
8.6
7.0
5.5K
14D470K
47
42-52
30
38
93
1000
500
0.1
10
8.5
4.3K
14D560K
56
50-62
35
45
110
1000
500
0.1
11
10
3.6K
14D680K
68
61-75
40
56
135
1000
500
0.1
14
12
2.9K
14D820K
82
74-90
50
65
135
4500
2500
0.6
22
14
2.4K
14D101K
100
90-100
60
85
165
4500
2500
0.6
28
18
2.0K
14D121K
120
108-132
75
100
200
4500
2500
0.6
32
20
1.7K
14D151K
150
135-165
95
125
250
4500
2500
0.6
40
25
1.3K
14D181K
180
162-198
115
150
300
4500
2500
0.6
50
30
1.1K
14D201K
200
185-225
130
170
340
4500
2500
0.6
57
35
1.1K
14D221K
220
198-242
140
180
360
4500
2500
0.6
60
40
900
14D241K
240
216-264
150
200
395
4500
2500
0.6
63
40
830
14D271K
270
243-297
175
225
455
4500
2500
0.6
70
50
740
14D301K
300
270-330
195
250
500
4500
2500
0.6
77
52
670
14D331K
330
297-363
215
275
550
4500
2500
0.6
85
64
610
14D361K
360
324-396
230
300
595
4500
2500
0.6
93
65
560
14D391K
390
351-429
250
320
650
4500
2500
0.6
100
70
510
14D431K
430
387-473
275
350
710
4500
2500
0.6
115
75
460
14D471K
470
423-517
300
385
775
4500
2500
0.6
125
80
430
14D511K
510
459-561
320
410
845
4500
2500
0.6
125
80
390
14D561K
560
504-616
350
455
930
4500
2500
0.6
125
85
360
14D621K
620
558-682
385
505
1025
4500
2500
0.6
125
85
320
14D681K
680
612-748
420
560
1120
4500
2500
0.6
130
90
290
14D751K
750
657-825
460
615
1240
6500
5000
0.6
210
150
260
14D781K
780
702-858
485
640
1290
6500
5000
0.6
225
160
230
14D821K
820
738-902
510
670
1355
6500
5000
0.6
235
165
230
14D911K
910
819-1001
550
745
1500
6500
5000
0.6
255
180
200
14D951K
951
855-1045
575
765
1580
6500
5000
0.6
270
190
190
14D102K
1.0K
900-1100
625
825
1650
6500
5000
0.6
280
200
180
14D112K
1.1K
990-1210
680
895
1815
6500
5000
0.6
310
220
150
14D182K
1.8K
1620-1980
1000
1465
2970
6500
5000
0.6
510
360
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com