Electronic Components Datasheet Search
  English  ▼

X  

14D Datasheet(PDF) 4 Page - Shanghai Yint Electronic Co., Ltd

Part # 14D
Description  14D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

14D Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

  14D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 14D Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
14D series
www.yint.com.cn
Rev:19.3
4
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
降额曲线图
Reduction curve
横轴是冲击时间即浪涌波型宽度,纵轴是冲击电流峰值,
线上的数字是冲击次数
Maximum Surge current i max=f(tr,pules train)
14D180L-14D680K
14D820K-14D182K
伏安特性图
v/i characteristics
A 区是泄露电流图,A=Leakage current
B 区是冲击电流与限制电流对称区
B=Protection level for worst-case varistor tolerances
14D180L-14D112K
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com