Electronic Components Datasheet Search
  English  ▼

X  

PT4501 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT4501
Description  Sub-1 GHz Wideband FSK Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4501 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT4501 Datasheet HTML 1Page - Princeton Technology Corp PT4501 Datasheet HTML 2Page - Princeton Technology Corp PT4501 Datasheet HTML 3Page - Princeton Technology Corp PT4501 Datasheet HTML 4Page - Princeton Technology Corp PT4501 Datasheet HTML 5Page - Princeton Technology Corp PT4501 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PT4501
PRE1.1
5
September 2014
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
VRF
P
Regulated 1.8V voltage for RF domain of receive chain
2
VSSLNA
G
Ground for low noise amplifier (LNA)
3
RXIN
I
Receiver RF input, connected to antenna through matching
circuit
4
TXOUT
O
Transmitter RF output, connected to antenna through
matching circuit
5
NC
No connection
6
VDDTX
P
External supply voltage for transmit and LO chains, 3 V
input
7
AVDD
P
External supply voltage for analog domain, 3 V input
8
VVCO
P
Regulated 1.8V supply voltage for VCO
9
XI
I
Crystal oscillator input
10
XO
O
Crystal oscillator output
11
TVDD
P
External supply voltage for digital domain, 3 V input
12
VD
P
Regulated 1.8V supply voltage for digital domain
13
TXRXHW
I
TX/RX hardware control pin
14
RFSEL
I
RF frequency band (433.92/915 MHz) select pin
15
GIO
I/O
General purpose input/output, 3 V logic
16
SS
I
4-wire SPI interface low active slave select, 3 V logic
17
MISO
O
4-wire SPI interface serial data output, 3 V logic
18
MOSI
I
4-wire SPI interface serial data input, 3 V logic
19
SCLK
I
4-wire SPI interface serial clock, 3 V logic
20
CE
I
Chip-enable control pin, 3 V logic
(CE = H = chip enable; CE = L = chip disable)
21
CWTHRE
I/O
Threshold voltage for carrier sense window
22
RSSI
O
Received signal strength indicator voltage
23
CSF_VTUNE
I/O
Tuning voltage for channel select filter
24
VIF
P
Regulated 1.8V voltage for analog domain of receive chain



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com