Electronic Components Datasheet Search
  English  ▼

X  

PT4501 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4501
Description  Sub-1 GHz Wideband FSK Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4501 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4501 Datasheet HTML 1Page - Princeton Technology Corp PT4501 Datasheet HTML 2Page - Princeton Technology Corp PT4501 Datasheet HTML 3Page - Princeton Technology Corp PT4501 Datasheet HTML 4Page - Princeton Technology Corp PT4501 Datasheet HTML 5Page - Princeton Technology Corp PT4501 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
PT4501
Sub-1 GHz Wideband FSK Transceiver
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT4501 is a highly integrated wideband FSK
multi-channel half-duplex transceiver operating in
sub-1 GHz license-free ISM bands. The PT4501 is
supplied in a small 4 mm x 4 mm QFN-24 package,
offers low power consumption, and is specified to
operate in the consumer
–40°C to +85°C temperature
range.
The receive part utilizes a fully integrated
low-IF architecture.
Direct PLL modulation with the
fractional-N synthesizer is used for FSK transmission.
The device supports data rates up to 50 Kb/s in
Manchester, bi-phase and other coding formats in
transparent mode and provides a typical output power
of +10 dBm into a 50 Ω load at 433.92 MHz, and +9
dBm at 915 MHz and achieves typical sensitivities of
–
113 dBm at 433.92 MHz and
–110 dBm at 915 MHz for
FSK data.
The PT4501 is suitable for wireless applications in
unlicensed (ISM) bands and requires few external
components due to its high level of integration.
APPLICATIONS
 Remote Control / Remote Sensing
 Remote Metering
 2-Way Remote Keyless Entry
 Home Automation
 Local Telemetry Systems
 Wireless Modem
FEATURES
 Carrier frequency range: 300 MHz to 960 MHz
 Supply voltage range: 1.9 V to 3.6 V
 Low current consumption: frequency band: 14.5
mA for receive-mode and 30 mA for transmit-mode
(+9 dBm at 915 MHz and +10 dBm at 433.92 MHz)
 Programmable RF output power with 20 dB power
control range
 Programmable channel-select filter bandwidth of
200 KHz / 300 KHz / 400 KHz
 Excellent FSK sensitivity: –113 dBm (300 KHz
channel bandwidth and 0.1% BER) at 433.92 MHz
and
–110 dBm 915 MHz
 > 25 dB image-rejection
 Few external components
 50 dB RSSI range
 Power down function (< 1 μA current consumption
in power-down mode)
 4-wire SPI interface
 2 separate TX and RX FIFOs (32 bytes each)
 QFN-24 package (4 mm × 4 mm)
BENEFITS
 Low system cost due to high system integration
level
 Extended battery life because of the low power
consumption and the minimum supply voltage
down to 1.9 V
 Merged RF input/output matching to save the
external T/R switch
 Single-ended RF interface with high isolation of
PLL/VCO from PA and the power supply allows for
easy incorporation of dipole or loop antenna


Similar Part No. - PT4501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4501 TI-PT4501 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
1500 VDC Isolation
PT4501C TI1-PT4501C Datasheet
410Kb / 9P
1500 VDC Isolation
More results

Similar Description - PT4501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
Wideband FSK Receiver
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
Wideband FSK Receiver
logo
Texas Instruments
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
WIDEBAND FSK RECEIVER
logo
Silicon Laboratories
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com