Electronic Components Datasheet Search
  English  ▼

X  

PT5115 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT5115
Description  4CH DSC Motor Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5115 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT5115 Datasheet HTML 1Page - Princeton Technology Corp PT5115 Datasheet HTML 2Page - Princeton Technology Corp PT5115 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT5115
V1.0
August 2010
2
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT5115
24 pins, QFN
PT5115
PIN CONFIGURATION
Note: The Exposed PAD must be connect to GND
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
OUT1A
O
CH1 output A
1
PGND12
GND
CH12 Power GND
2
OUT1B
O
CH1 output B
3
VM12
Power Supply
CH1/2 Power supply
4
OUT2A
O
CH2 output A
5
OUT2B
O
CH2 output B
6
SCL
I
Serial clock input
7
SDA
I
Serial data input
8
PI3
OUT
PI3 Output
9
CS
I
Serial data latch control
10
RESET
I
Logic reset
11
OUT3A
O
CH3 output A
12
PGND3
GND
CH3 Power GND
13
OUT3B
O
CH3 output B
14
VM34
Power Supply
CH3/4 Power supply
15
OUT4A
O
CH4 output A
16
RNF4
I/O
CH4 current sense input or Power GND
17
OUT4B
O
CH4 output B
18
CLK_PWM
I
Stepping motor clock for CH12/PWM input for CH3
19
IN4A
I
CH4 Input Control Pin
20
VCC
Power Supply
Small signal power supply
21
IN4B
I
CH4 Input Control Pin
22
PI1
OUT
PI1 Output
23
PI2
OUT
PI2 Output
24
PGND3/GND
GND
CH3 Power GND and pre driver GND
Exposed pad



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com