Electronic Components Datasheet Search
  English  ▼

X  

PT5115 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT5115
Description  4CH DSC Motor Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5115 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT5115 Datasheet HTML 1Page - Princeton Technology Corp PT5115 Datasheet HTML 2Page - Princeton Technology Corp PT5115 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT5115
4CH DSC Motor Driver
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT5115 is a monolithic 4-Channel CMOS
H-bridge motor driver. It can drive one stepper motor,
two DCM and two coils. There also are several other
flexible system solutions left to be utilized. The current
consumption can be hold at quite low level during
standby or operation. And the active power supply
voltage range is from 2.7~5.5V. So the device is ideal
for portable and battery powered applications.
The PT5115 is available in QFN24 (4mm × 4mm)
package. Performance is specified for -20℃ to +85℃
temperature range.
APPLICATIONS
• DSC
FEATURES
• Independent 4channel H-bridge, 3 full-swing drivers
and 1 constant-current driver, all of those drivers
with brake function.
• Versatile and flexible control mode - DC/stepper
motor alternative, Full-swing/ Constant-Voltage/
Constant-Current selected
• Special Exclusive Control mode optional
• Constant-Voltage set by DAC: 1.8V~4.8V 0.2V/Bit
Accuracy ± 5%
• Constant current set by DAC: 150mV~300mV
10mV/Bit Accuracy±5%
• Under voltage lockout circuit - Shut down the
internal circuit at VCC=1.8V (Typ.)
• Thermal shut down circuit - Shut down the internal
circuit at 150℃ Hysteresis 30℃
• Available in small package QFN24 (4mm × 4mm)
BLOCK DIAGRAM
Notes:
1. FS=Full-swing
2. CV= Constant-Voltage
3. CC=Constant-Current


Similar Part No. - PT5115

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
logo
Texas Instruments
PT5110 TI-PT5110 Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110A TI-PT5110A Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110C TI-PT5110C Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110L TI-PT5110L Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5115

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
6 Channel DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
6-CHANNEL DSC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
5-Channel DSC Motor Driver
logo
Sanyo Semicon Device
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
DSC Motor Driver
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
DSC Motor Driver
logo
Silicon Touch Technolog...
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
Multi-Channels Motor Driver For DSC
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
4ch System Motor Driver IC
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
4ch System Motor Driver IC
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
51CH DSC Motor Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com