Electronic Components Datasheet Search
  English  ▼

X  

TLV9301 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9301
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9301 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV9301 Datasheet HTML 16Page - Texas Instruments TLV9301 Datasheet HTML 17Page - Texas Instruments TLV9301 Datasheet HTML 18Page - Texas Instruments TLV9301 Datasheet HTML 19Page - Texas Instruments TLV9301 Datasheet HTML 20Page - Texas Instruments TLV9301 Datasheet HTML 21Page - Texas Instruments TLV9301 Datasheet HTML 22Page - Texas Instruments TLV9301 Datasheet HTML 23Page - Texas Instruments TLV9301 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
140ºC
3 V
0 V
150°C
30 V
RL
100
Ÿ
VIN
3 V
+
3 V
±
IOUT = 30 mA
TLV9301
TA = 65°C
PD = 0.81W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.81W + 65°C
TJ = 177.3°C (expected)
+
±
Time (20µs/Div)
C016
Input
Output
20
TLV9301, TLV9302, TLV9304
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.3 Phase Reversal Protection
The TLV930x family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The TLV930x is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail. This performance is shown in Figure 44.
Figure 44. No Phase Reversal
7.3.4 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV930x is 150°C.
Exceeding this temperature causes damage to the device. The TLV930x has a thermal protection feature that
prevents damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 140°C. Figure 45 shows an application example for
the TLV9301 that has significant self heating (159°C) because of its power dissipation (0.81 W). Thermal
calculations indicate that for an ambient temperature of 65°C the device junction temperature must reach 187°C.
The actual device, however, turns off the output drive to maintain a safe junction temperature. Figure 45 shows
how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the
output is 3 V. When self heating causes the device junction temperature to increase above 140°C, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL.
Figure 45. Thermal Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com