Electronic Components Datasheet Search
  English  ▼

X  

TLV9301 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9301
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9301 Datasheet(HTML) 1 Page - Texas Instruments

  TLV9301 Datasheet HTML 1Page - Texas Instruments TLV9301 Datasheet HTML 2Page - Texas Instruments TLV9301 Datasheet HTML 3Page - Texas Instruments TLV9301 Datasheet HTML 4Page - Texas Instruments TLV9301 Datasheet HTML 5Page - Texas Instruments TLV9301 Datasheet HTML 6Page - Texas Instruments TLV9301 Datasheet HTML 7Page - Texas Instruments TLV9301 Datasheet HTML 8Page - Texas Instruments TLV9301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV9301, TLV9302, TLV9304
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
1
1 Features
1
•
Low offset voltage: ±0.5 mV
•
Low offset voltage drift: ±2 µV/°C
•
Low noise: 33 nV/
√Hz at 1 kHz
•
High common-mode rejection: 110 dB
•
Low bias current: ±10 pA
•
Rail-to-rail output
•
Wide bandwidth: 1-MHz GBW
•
High slew rate: 3 V/µs
•
Low quiescent current: 150 µA per amplifier
•
Wide supply: ±2.25 V to ±20 V, 4.5 V to 40 V
•
Robust EMI performance: 72 dB at 1 GHz
•
MUX-friendly/comparator inputs:
–
Differential and common-mode input voltage
range to supply rail
•
Industry-standard packages:
–
Single in SOT-23-5 and SC70
–
Dual in SOIC-8, TSSOP-8, and VSSOP-8
–
Quad in SOIC-14 and TSSOP-14
2 Applications
•
Grid infrastructure: circuit breaker
•
Electronic point-of-sale (EPOS)
•
Motor drives: AC and servo drive power supplies
•
Building automation
•
Indoor and outdoor lighting
•
Precision high-voltage comparator
3 Description
The
TLV930x
family
(TLV9301,
TLV9302,
and
TLV9304)
is
a
family
of
40-V,
cost-optimized
operational amplifiers. These devices offer strong
general-purpose DC and AC specifications, including
rail-to-rail output, low offset (±0.5 mV, typ), low offset
drift (±2 µV/°C, typ), and 1-MHz bandwidth.
Convenient features such as wide differential input-
voltage range, high output current (±60 mA), and high
slew rate (3 V/μs) make the TLV930x a robust
operational amplifier for high-voltage, cost-sensitive
applications.
The TLV930x family of op amps is available in
standard packages and is specified from –40°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV9301
SOT-23 (5)(2)
2.90 mm × 1.60 mm
SC70 (5)(2)
2.00 mm × 1.25 mm
TLV9302
SOIC (8)
4.90 mm × 3.91 mm
TSOT (8)(2)
2.90 mm × 1.60 mm
TSSOP (8)(2)
4.40 mm × 3.00 mm
VSSOP (8)(2)
2.30 mm × 2.00 mm
TLV9304
SOIC (14)(2)
8.65 mm × 3.91 mm
TSSOP (14)(2)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is preview only.
TLV930x in a Single-Pole, Low-Pass Filter


Similar Part No. - TLV9301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI1-TLV9301 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301 Datasheet
3Mb / 55P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301 Datasheet
3Mb / 57P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
More results

Similar Description - TLV9301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI1-TLV9301_V03 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9352 TI1-TLV9352_V01 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352_V02 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351 Datasheet
3Mb / 51P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V01 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V04 Datasheet
3Mb / 55P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9361 TI-TLV9361 Datasheet
3Mb / 54P
TLV936x 10-MHz, 40-V, RRO, Operational Amplifier for Cost-Sensitive Systems
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com