Electronic Components Datasheet Search
  English  ▼

X  

TLV9101IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101IDBVR
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9101IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9101IDBVR Datasheet HTML 18Page - Texas Instruments TLV9101IDBVR Datasheet HTML 19Page - Texas Instruments TLV9101IDBVR Datasheet HTML 20Page - Texas Instruments TLV9101IDBVR Datasheet HTML 21Page - Texas Instruments TLV9101IDBVR Datasheet HTML 22Page - Texas Instruments TLV9101IDBVR Datasheet HTML 23Page - Texas Instruments TLV9101IDBVR Datasheet HTML 24Page - Texas Instruments TLV9101IDBVR Datasheet HTML 25Page - Texas Instruments TLV9101IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
140ºC
3 V
0 V
150°C
16 V
RL
100
Ÿ
VIN
3 V
+
3 V
±
IOUT = 30 mA
TLV9101
TA = 100°C
PD = 0.39W
JA = 138.7°C/W
TJ = 138.7°C/W × 0.39W + 100°C
TJ = 154.1°C (expected)
+
±
Normal
Operation
Output
High-Z
Time (20µs/Div)
C016
Input
Output
22
TLV9101, TLV9102, TLV9104
SBOS943A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: TLV9102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 45. No Phase Reversal
7.3.3 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the TLV910x is 150°C.
Exceeding this temperature causes damage to the device. The TLV910x has a thermal protection feature that
prevents damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 140°C. Figure 46 shows an application example for
the TLV9101 that has significant self heating (154°C) because of its power dissipation (0.39 W). Thermal
calculations indicate that for an ambient temperature of 100°C the device junction temperature must reach
154°C. The actual device, however, turns off the output drive to maintain a safe junction temperature. Figure 46
shows how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so
the output is 3 V. When self heating causes the device junction temperature to increase above 140°C, the
thermal protection forces the output to a high-impedance state and the output is pulled to ground through resistor
RL.
Figure 46. Thermal Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com