Electronic Components Datasheet Search
  English  ▼

X  

TLV9101IDBVR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9101IDBVR
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9101IDBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV9101IDBVR Datasheet HTML 25Page - Texas Instruments TLV9101IDBVR Datasheet HTML 26Page - Texas Instruments TLV9101IDBVR Datasheet HTML 27Page - Texas Instruments TLV9101IDBVR Datasheet HTML 28Page - Texas Instruments TLV9101IDBVR Datasheet HTML 29Page - Texas Instruments TLV9101IDBVR Datasheet HTML 30Page - Texas Instruments TLV9101IDBVR Datasheet HTML 31Page - Texas Instruments TLV9101IDBVR Datasheet HTML 32Page - Texas Instruments TLV9101IDBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-2
0
2
4
6
8
10
12
14
16
comp
Input
Output
2
1
2
TH
R
V
V
R
R
u
29
TLV9101, TLV9102, TLV9104
www.ti.com
SBOS943A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.2 Detailed Design Procedure
This noninverting comparator circuit applies the input voltage (VIN) to the noninverting terminal of the op amp.
Two resistors (R1 and R2) divide the supply voltage (V+) to create a mid-supply threshold voltage (VTH) as
calculated in Equation 1. The circuit is shown in Figure 53. When VIN is less then VTH, the output voltage
transitions to the negative supply and equals the low-level output voltage. When VIN is greater than VTH, the
output voltage transitions to the positive supply and equals the high-level output voltage.
In this example, resistor 1 and 2 have been selected to be 100 kΩ, which sets the reference threshold at 7.5 V.
However, resistor 1 and 2 can be adjusted to modify the threshold using Equation 1. Resistor 1 and 2's values
have also been selected to reduce power consumption, but these values can be further increased to reduce
power consumption, or reduced to improve noise performance.
(1)
8.2.1.3 Application Curve
Figure 54. Comparator Output Response to Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com