Electronic Components Datasheet Search
  English  ▼

X  

DS1543 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1543
Description  64k NV Timekeeping RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1543 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1543 Datasheet HTML 1Page - Dallas Semiconductor DS1543 Datasheet HTML 2Page - Dallas Semiconductor DS1543 Datasheet HTML 3Page - Dallas Semiconductor DS1543 Datasheet HTML 4Page - Dallas Semiconductor DS1543 Datasheet HTML 5Page - Dallas Semiconductor DS1543 Datasheet HTML 6Page - Dallas Semiconductor DS1543 Datasheet HTML 7Page - Dallas Semiconductor DS1543 Datasheet HTML 8Page - Dallas Semiconductor DS1543 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS1543
4 of 17
active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE
transitioning low, the data bus can become active with read data defined by the address inputs. A low
transition on WE will then disable the outputs tWEZ after WE goes active.
DATA RETENTION MODE
The 5-volt device is fully accessible and data can be written and read only when VCC is greater than VPF.
However, when VCC is below the power-fail point VPF (point at which write protection occurs) the
internal clock registers and SRAM are blocked from any access. When VCC falls below the battery switch
point VSO (battery supply level), device power is switched from the VCC pin to the internal backup lithium
battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal
levels.
The 3.3-volt device is fully accessible and data can be written and read only when VCC is greater than
VPF. When VCC falls below VPF, access to the device is inhibited. If VPF is less than VBAT, the device
power is switched from VCC to the internal backup lithium battery when VCC drops below VPF If VPF is
greater than VBAT, the device power is switched from VCC to the internal backup lithium battery when
VCC drops below VBAT. RTC operation and SRAM data are maintained from the battery until VCC is
returned to nominal levels.
All control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1543 has a lithium power source that is designed to provide energy for the clock activity, and
clock and RAM data retention when the VCC supply is not present. The capability of this internal power
supply is sufficient to power the DS1543 continuously for the life of the equipment in which it is
installed. For specification purposes, the life expectancy is 10 years at 25
°C with the internal clock
oscillator running in the absence of VCC Each DS1543 is shipped from Dallas Semiconductor with its
lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a
level greater than VPF the lithium energy source is enabled for battery backup operation. Actual life
expectancy of the DS1543 will be much longer than 10 years since no internal battery energy is
consumed when VCC is present. In fact, in most applications, the life expectancy of the DS1543 will be
approximately equal to the shelf life (expected useful life of the internal lithium battery with no load
attached) of the battery which may prove to be as long as 20 years.
INTERNAL BATTERY MONITOR
The DS15433 constantly monitors the battery voltage of the internal batter. The Battery Low Flag (BLF)
bit of the Flags register (B4 of 1FF0h) is not writable and should always be a 0 when read. If a 1 is ever
present, an exhausted lithium energy source is indicated and both the contents of the RTC and RAM are
questionable.
POWER-ON RESET
A temperature-compensated comparator circuit monitors the level of VCC When VCC falls to the power
fail trip point, the RST signal (open-drain) is pulled low. When VCC returns to nominal levels, the RST
signal continues to be pulled low for a period of 40 ms to 200 ms. The power-on reset function is
independent of the RTC oscillator and thus is operational whether or not the oscillator is enabled.
CLOCK OPERATIONS
Table 2 and the following paragraphs describe the operation of RTC, Alarm, and Watchdog functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com