Electronic Components Datasheet Search
  English  ▼

X  

LM34910SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM34910SD
Description  High Voltage (40V, 1.25A) Step Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34910SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM34910SD Datasheet HTML 1Page - National Semiconductor (TI) LM34910SD Datasheet HTML 2Page - National Semiconductor (TI) LM34910SD Datasheet HTML 3Page - National Semiconductor (TI) LM34910SD Datasheet HTML 4Page - National Semiconductor (TI) LM34910SD Datasheet HTML 5Page - National Semiconductor (TI) LM34910SD Datasheet HTML 6Page - National Semiconductor (TI) LM34910SD Datasheet HTML 7Page - National Semiconductor (TI) LM34910SD Datasheet HTML 8Page - National Semiconductor (TI) LM34910SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
SW
Switching Node
Internally connected to the buck switch source.
Connect to the external inductor, diode, and boost
capacitor.
2
BST
Boost pin for boot-strap capacitor
Connect a 0.022 µF capacitor from SW to this pin. An
internal diode charges the capacitor during the
off-time.
3I
SEN
Current sense input
Internally the current sense resistor connects from this
pin to S
GND. Re-circulating current flows out of this pin
to the free-wheeling diode. Current limit is set at
1.25A.
4S
GND
Sense Ground
Re-circulating current flows into this pin to the current
sense resistor.
5
RTN
Circuit Ground
Ground for all internal circuitry other than the current
limit detection.
6
FB
Feedback
Internally connected to the regulation and over-voltage
comparators. The regulation level is 2.5V.
7
SS
Softstart
An internal 11.5 µA current source charges an external
capacitor to 2.5V to provide the softstart function.
8R
ON/SD
On-time Control and Shutdown
An external resistor from V
IN to this pin sets the buck
switch on-time. Grounding this pin shuts down the
regulator.
9V
CC
Output from the start-up regulator
Nominally regulated to 7.0V. An external voltage
(8V-14V) can be connected to this pin to reduce
internal dissipation. An internal diode connects V
CC to
V
IN.
10
V
IN
Input supply voltage
Nominal input range is 8.0V to 36V.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com