Electronic Components Datasheet Search
  English  ▼

X  

MA8121K Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # MA8121K
Description  USB 2.0 SD/MMC Card Reader Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8121K Datasheet(HTML) 1 Page - Prolific Technology Inc.

  MA8121K Datasheet HTML 1Page - Prolific Technology Inc. MA8121K Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
Description
The MA8121K is a USB 2.0 Card Reader controller by a highly integrated single chip solution
designed to deliver high-speed data transmission between USB2.0 and SD, SDHC, miniSD, Micro
SD(T-Flash), interfaces specification. The MA8121K is offered with 24QFN package.
MA8121K complies with USB specification Rev. 2.0 and USB Mass Storage Class specification
Rev. 1.0.
MA8121K integrates an on-chip clock source which provides stable clock source which can be used
to replace the external 12Mhz crystal oscillator. Manufacturers can effectively reduce the BOM and
labor cost on PCBA. MA8121K is the SD card reader with the best C/P value.
Features
USB
Fully compatible with USB 2.0/1.1 specification
Support USB 2.0 specification for 480Mbit/sec and 12Mbit/sec operation
USB Device Class Definition for Mass Storage , Bulk-Transport v1.0
USB 2.0 Bus Power device spec. compliance
Endpoint:
Endpoint 0: 64 bytes control transfer.
Endpoint 1: 512 bytes bulk transfer for IN transaction.
Endpoint 2: 512 bytes bulk transfer for OUT transaction.
Single Slot support for MMC/SD/MS card
MMC/SD card support
Support SD 1.1/2.0/SDHC, Micro SD 1.1/2.0/SDHC, Mimi SD card
Support SD High Speed Mode
Work with the default driver from windows 2000/XP/ME/Vista/Win7, Mac9.2, Mac OS X,
Linux
RedHat, Linux Fedora
MA8121K
USB 2.0 SD/MMC Card Reader Controller


Similar Part No. - MA8121K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA8121K ETC2-MA8121K Datasheet
201Kb / 2P
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
More results

Similar Description - MA8121K

ManufacturerPart #DatasheetDescription
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
Winbond USB Interface MS/SD/MMC Reader
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
USB 2.0 SD/MMC Single Slot Card Reader Controller
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com