Electronic Components Datasheet Search
  English  ▼

X  

MA8121K Datasheet(PDF) 2 Page - Prolific Technology Inc.

Part # MA8121K
Description  USB 2.0 SD/MMC Card Reader Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

MA8121K Datasheet(HTML) 2 Page - Prolific Technology Inc.

  MA8121K Datasheet HTML 1Page - Prolific Technology Inc. MA8121K Datasheet HTML 2Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brochure
V1.0 04/01/15
Prolific Technology Inc.
7F, No.48, Sec.3, Nan Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V
Voltage Regulator
Package
Support QFN24 with 4bit SD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com