Electronic Components Datasheet Search
  English  ▼

X  

THS1009 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS1009
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1009 Datasheet HTML 9Page - Texas Instruments THS1009 Datasheet HTML 10Page - Texas Instruments THS1009 Datasheet HTML 11Page - Texas Instruments THS1009 Datasheet HTML 12Page - Texas Instruments THS1009 Datasheet HTML 13Page - Texas Instruments THS1009 Datasheet HTML 14Page - Texas Instruments THS1009 Datasheet HTML 15Page - Texas Instruments THS1009 Datasheet HTML 16Page - Texas Instruments THS1009 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
13
TYPICAL CHARACTERISTICS
Figure 23
–140
–120
–100
–80
–60
–40
–20
0
0
500000
1000000
1500000
2000000
2500000
3000000
3500000
4000000
f – Frequency – Hz
FAST FOURIER TRANSFORM (4096 Points)
(SINGLE-ENDED)
vs
FREQUENCY
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MHz, AIN = –1 dB FS, fIN = 1.25 MHz
Figure 24
–140
–120
–100
–80
–60
–40
–20
0
0
500000
1000000
1500000
2000000
2500000
3000000
3500000
4000000
f – Frequency – Hz
FAST FOURIER TRANSFORM (4096 Points)
(DIFFERENTIAL)
vs
FREQUENCY
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MHz, AIN = –0.5 dB FS, fIN = 1.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com