Electronic Components Datasheet Search
  English  ▼

X  

THS1009 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS1009
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS1009 Datasheet HTML 23Page - Texas Instruments THS1009 Datasheet HTML 24Page - Texas Instruments THS1009 Datasheet HTML 25Page - Texas Instruments THS1009 Datasheet HTML 26Page - Texas Instruments THS1009 Datasheet HTML 27Page - Texas Instruments THS1009 Datasheet HTML 28Page - Texas Instruments THS1009 Datasheet HTML 29Page - Texas Instruments THS1009 Datasheet HTML 30Page - Texas Instruments THS1009 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
27
SINGLE-ENDED MODE OF OPERATION
The THS1009 can be configured for single-ended operation using dc or ac coupling. In either case, the input of the
THS1009 should be driven from an operational amplifier that does not degrade the ADC performance. Because the
THS1009 operates from a 5-V single supply, it is necessary to level-shift ground-based bipolar signals to comply with
its input requirements. This can be achieved with dc- and ac-coupling.
DC COUPLING
An operational amplifier can be configured to shift the signal level according to the analog input voltage range of the
THS1009. The analog input voltage range of the THS1009 goes from 1.5 V to 3.5 V. An operational amplifier can
be used as shown in Figure 35.
Figure 35 shows an example with the analog input signal in the range between –1 V and 1 V. The signal is shifted
by an operational amplifier to the analog input range of the THS1009 (1.5 V to 3.5 V). The operational amplifier is
configured as an inverting amplifier with a gain of –1. The required dc voltage of 1.25 V at the noninverting input is
derived from the 2.5-V output reference REFOUT of the THS1009 by using a resistor divider. Therefore, the
operational amplifier output voltage is centered at 2.5 V. The 10
µF tantalum capacitor is required for bypassing
REFOUT. REFIN of the THS1009 must be connected directly to REFOUT in single-ended mode. The use of ratio
matched, thin-film resistor networks minimizes gain and offset errors.
_
+
5 V
R1
R1
RS
3.5 V
2.5 V
1.5 V
THS1009
AINP
REFOUT
R2
R2
1.25 V
1 V
0 V
–1 V
REFIN
+
C
10
µF
Figure 35. Level-Shift for DC-Coupled Input
DIFFERENTIAL MODE OF OPERATION
For the differential mode of operation, a conversion from single-ended to differential is required. A conversion to
differential signals can be achieved by using an RF-transformer, which provides a center tap. Best performance is
achieved in differential mode.
THS1009
AINP
AINM
REFOUT
C
C
R
R
200
Ω
49.9
Ω
Mini Circuits
T4–1
+
10
µF
Figure 36. Transformer Coupled Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com