Electronic Components Datasheet Search
  English  ▼

X  

2867801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2867801
Description  RAD-ISM-900-ANT-YAGI-3-N
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2867801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2867801 Datasheet HTML 1Page - PHOENIX CONTACT 2867801 Datasheet HTML 2Page - PHOENIX CONTACT 2867801 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
RAD-ISM-900-ANT-YAGI-3-N
Order No.: 2867801
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2867801
 
 
Panel antenna, IP65 protection, gain 5 dBi, cable length 1.5 m,
connection N (female)
 
Commercial data
GTIN (EAN)
4
017918
976668
Note
Made-to-order
sales group
H179
Pack
1 pcs.
Customs tariff
85177019
Catalog page information
Page 645 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Frequency range
900 MHz
Horizontal beamwidth
168 °
Vertical beamwidth
78 °
Impedance
50 Ω
Gain
5 dBi


Similar Part No. - 2867801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867814 PHOENIX-2867814 Datasheet
93Kb / 3P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-N
2867827 PHOENIX-2867827 Datasheet
51Kb / 2P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-25-AS
2867830 PHOENIX-2867830 Datasheet
81Kb / 3P
RAD-ISM-900-ANT-YAGI-6.5-50-AS
2867843 PHOENIX-2867843 Datasheet
255Kb / 3P
Adapter - RAD-ADP-N/F-N/F
2867885 PHOENIX-2867885 Datasheet
91Kb / 3P
RAD-ISM-2400-ANT-PAR-19-0
More results

Similar Description - 2867801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867584 PHOENIX-2867584 Datasheet
61Kb / 2P
RAD-ISM- 900-ANT-OMNI-0-N
2867791 PHOENIX-2867791 Datasheet
93Kb / 1P
RAD-ISM-900-ANT-OMNI-FG-3-N
2867814 PHOENIX-2867814 Datasheet
93Kb / 3P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-N
2867827 PHOENIX-2867827 Datasheet
51Kb / 2P
Antenna - RAD-ISM-900-ANT-YAGI-6.5-25-AS
2867830 PHOENIX-2867830 Datasheet
81Kb / 3P
RAD-ISM-900-ANT-YAGI-6.5-50-AS
2885579 PHOENIX-2885579 Datasheet
68Kb / 3P
RAD-ISM-900-ANT-OMNI-FG-6-N
5604160 PHOENIX-5604160 Datasheet
61Kb / 2P
Antenna - RAD-ISM- 900-ANT-OMNI-0-N
5606654 PHOENIX-5606654 Datasheet
50Kb / 2P
Antenna - RAD-ISM- 900-ANT-YAGI-6.5-N-SL
5606655 PHOENIX-5606655 Datasheet
50Kb / 2P
Antenna - RAD-ISM- 900-ANT-YAGI-10-N-SL
5606614 PHOENIX-5606614 Datasheet
349Kb / 6P
Antenna - RAD-ISM-900-ANT-YAGI-10-N
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com