Electronic Components Datasheet Search
  English  ▼

X  

2867801 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2867801
Description  RAD-ISM-900-ANT-YAGI-3-N
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2867801 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2867801 Datasheet HTML 1Page - PHOENIX CONTACT 2867801 Datasheet HTML 2Page - PHOENIX CONTACT 2867801 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RAD-ISM-900-ANT-YAGI-3-N Order No.: 2867801
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2867801
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Feb 9, 2011
Type of connection
N (female) with cable (0.6 m)
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 80 °C
Width
6 cm
Height
17 cm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com