Electronic Components Datasheet Search
  English  ▼

X  

THS1009CDAR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS1009CDAR
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009CDAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS1009CDAR Datasheet HTML 7Page - Texas Instruments THS1009CDAR Datasheet HTML 8Page - Texas Instruments THS1009CDAR Datasheet HTML 9Page - Texas Instruments THS1009CDAR Datasheet HTML 10Page - Texas Instruments THS1009CDAR Datasheet HTML 11Page - Texas Instruments THS1009CDAR Datasheet HTML 12Page - Texas Instruments THS1009CDAR Datasheet HTML 13Page - Texas Instruments THS1009CDAR Datasheet HTML 14Page - Texas Instruments THS1009CDAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 17
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
01
23
45
67
89
EFFECTIVE NUMBER OF BITS
vs
SAMPLING FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS
fs – Sampling Frequency – MHz
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
01
23
45
67
89
Figure 18
EFFECTIVE NUMBER OF BITS
vs
SAMPLING RATE (DIFFERENTIAL)
fs – Sampling Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS
Figure 19
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = –1 dB FS
fi – Input Frequency – MHz
Figure 20
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY (DIFFERENTIAL)
fi – Input Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = –1 dB FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com