Electronic Components Datasheet Search
  English  ▼

X  

THS1009CDAR Datasheet(PDF) 14 Page - Texas Instruments

Part # THS1009CDAR
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009CDAR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS1009CDAR Datasheet HTML 10Page - Texas Instruments THS1009CDAR Datasheet HTML 11Page - Texas Instruments THS1009CDAR Datasheet HTML 12Page - Texas Instruments THS1009CDAR Datasheet HTML 13Page - Texas Instruments THS1009CDAR Datasheet HTML 14Page - Texas Instruments THS1009CDAR Datasheet HTML 15Page - Texas Instruments THS1009CDAR Datasheet HTML 16Page - Texas Instruments THS1009CDAR Datasheet HTML 17Page - Texas Instruments THS1009CDAR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
14
DETAILED DESCRIPTION
Reference Voltage
The THS1009 has a built-in reference, which provides the reference voltages for the ADC. VREFP is set to 3.5 V
and VREFM is set to 1.5 V. An external reference can also be used through two reference input pins, REFP and
REFM, if the reference source is programmed as external. The voltage levels applied to these pins establish the
upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively.
Analog Inputs
The THS1009 consists of two analog inputs, which are sampled simultaneously. These inputs can be selected
individually and configured as single-ended or differential inputs. The desired analog input channel can be
programmed.
Converter
The THS1009 uses a 10-bit pipelined multistaged architecture which achieves a high sample rate with low power
consumption. The THS1009 distributes the conversion over several smaller ADC sub-blocks, refining the conversion
with progressively higher accuracy as the device passes the results from stage to stage. This distributed conversion
requires a small fraction of the number of comparators used in a traditional flash ADC. A sample-and-hold amplifier
(SHA) within each of the stages permits the first stage to operate on a new input sample while the second through
the eighth stages operate on the seven preceding samples.
Conversion
An external clock signal with a duty cycle of 50% has to be applied to the clock input (CONV_CLK). A new conversion
is started with every falling edge of the applied clock signal. The conversion values are available at the output with
a latency of 5 clock cycles.
SYNC
In multichannel mode, the first SYNC signal is delayed by [7+ (# Channels Sampled)] cycles of the CONV_CLK after
a SYNC reset. This is due to the latency of the pipeline architecture of the THS1009.
Sampling Rate
The maximum possible conversion rate per channel is dependent on the selected analog input channels. Table 1
shows the maximum conversion rate for the different combinations.
Table 1. Maximum Conversion Rate in Continuous Conversion Mode
CHANNEL CONFIGURATION
NUMBER OF
CHANNELS
MAXIMUM CONVERSION
RATE PER CHANNEL
1 single-ended channel
1
8 MSPS
2 single-ended channels
2
4 MSPS
1 differential channel
1
8 MSPS
The maximum conversion rate per channel, fc, is given by:
fc
+ 8 MSPS
# channels
Continuous Conversion Mode
During conversion the ADC operates with a free running external clock signal applied to the input CONV_CLK. With
every falling edge of the CONV_CLK signal a new converted value is available to the databus with the corresponding
read signal. The THS1009 offers up to two analog inputs to be selected. It is important to provide the channel
information to the system; this means knowing which channel is available to the databus. To maintain this channel
integrity, the THS1009 has an output signal SYNC, which is always active low if the data of channel 1 is applied to
the databus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com