Electronic Components Datasheet Search
  English  ▼

X  

2892533 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2892533
Description  ST-REL7-KG120/21-21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2892533 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2892533 Datasheet HTML 1Page - PHOENIX CONTACT 2892533 Datasheet HTML 2Page - PHOENIX CONTACT 2892533 Datasheet HTML 3Page - PHOENIX CONTACT 2892533 Datasheet HTML 4Page - PHOENIX CONTACT 2892533 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
ST-REL7-KG120/21-21
Order No.: 2892533
The illustration shows version ST-REL 7-KG 24/21-21
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2892533
 
 
Relay connector, fitted with miniature switching relay, contacts (AgNi):
Medium to large loads, 2 PDT, 120 V AC/DC input voltage, with light
indicator, can be plugged into basic terminal blocks
 
Commercial data
GTIN (EAN)
4
017918
078737
Note
Made-to-order
sales group
G014
Pack
5 pcs.
Customs tariff
85364900
Catalog page information
Page 89 (IF-2005)
Product notes
WEEE/RoHS-compliant since:
03/23/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Similar Part No. - 2892533

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
28925 WIHA-28925 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
28925 WIHA-28925 Datasheet
174Kb / 1P
52 Pc. iTorque Bit Set - 7-26 In/lbs.
logo
PHOENIX CONTACT
2892520 PHOENIX-2892520 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-KG 24/21-21
2892562 PHOENIX-2892562 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-HW 24/4X21
More results

Similar Description - 2892533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2833026 PHOENIX-2833026 Datasheet
66Kb / 5P
Relay connectors - ST-REL3-KG120/21/SO46
2821164 PHOENIX-2821164 Datasheet
124Kb / 5P
ST-REL3-KG120/21
2822451 PHOENIX-2822451 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-KG230/21-21
2823308 PHOENIX-2823308 Datasheet
131Kb / 5P
ST-REL4-KG 24/21-21
2823337 PHOENIX-2823337 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG120/21-21
2825539 PHOENIX-2825539 Datasheet
127Kb / 4P
ST-REL4-SW 24/21-21
2826156 PHOENIX-2826156 Datasheet
67Kb / 4P
Relay connectors - ST-REL7-HG-B 24/21-21/P
2891149 PHOENIX-2891149 Datasheet
70Kb / 4P
Relay connectors - ST-REL7-KG 48/21-21
2892520 PHOENIX-2892520 Datasheet
69Kb / 4P
Relay connectors - ST-REL7-KG 24/21-21
2892753 PHOENIX-2892753 Datasheet
70Kb / 4P
Relay connectors - ST-REL7-KG 60/21-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com