Electronic Components Datasheet Search
  English  ▼

X  

2892533 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2892533
Description  ST-REL7-KG120/21-21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2892533 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2892533 Datasheet HTML 1Page - PHOENIX CONTACT 2892533 Datasheet HTML 2Page - PHOENIX CONTACT 2892533 Datasheet HTML 3Page - PHOENIX CONTACT 2892533 Datasheet HTML 4Page - PHOENIX CONTACT 2892533 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ST-REL7-KG120/21-21 Order No.: 2892533
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2892533
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 9, 2011
Technical data
Coil side
Nominal input voltage UN
120 V AC/DC
Input voltage range in reference to UN
0.8 ... 1.1
Nominal input current at UIN
4 mA
Typical response time
8 ms
Typical release time
10 ms
Operating voltage display
Yes
Type of protection
Bridge rectifier
Protective circuit/component
Bridge rectifier
Contact side
Contact type
Single contact, 2-PDT
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Maximum inrush current
6 A
Limiting continuous current
5 A
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
85 W (for 48 V DC)
60 W (for 60 V DC)
44 W (for 110 V DC)
60 W (for 220 V DC)
1250 VA (for 250 V AC)
General data
Width
45.6 mm
Height
33 mm
Depth
66.5 mm
Test voltage relay winding/relay contact
5 kV AC (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2.5 kV AC (50 Hz, 1 min.)
Test voltage PDT/PDT
2 kV AC (50 Hz, 1 min.)
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Operating mode
100% operating factor
Mechanical service life
Approx. 3 x 107 cycles



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com