Electronic Components Datasheet Search
  English  ▼

X  

OSOPA2002B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OSOPA2002B
Description  Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OSOPA2002B Datasheet(HTML) 1 Page - Vishay Siliconix

  OSOPA2002B Datasheet HTML 1Page - Vishay Siliconix OSOPA2002B Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 60002
Revision 03-May-01
www.vishay.com
16
OSOP
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
FEATURES
• 0.068" (1.73mm) maximum seated height
• Rugged molded case construction with no internal solder
• Highly stable thin film
• JEDEC MO #137 Package AD
Actual Size
SCHEMATIC
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TAMELOX®
TCR:
Tracking
± 5ppm/°C- 55°C to + 125°C
Absolute
± 25ppm/°C- 55°C to + 125°C
Tolerance:
Ratio
± 0.5%, ± 0.1%, ± 0.05%
+ 25
°C
Absolute
± 1%, ± 0.5%, ± 0.25%, ± 0.1%
+ 25
°C
Power Rating:
Resistor
100mW
Max. @ + 70
°C
Package
400mW
Max. @ + 70
°C
Stability
∆R Absolute
500ppm
2000 hrs @ + 70
°C
∆R Ratio
150ppm
2000 hrs @ + 70
°C
Voltage Coefficient
< 0.1ppm/Volt typical
Working Voltage
100 Volts Max.
Operating Temperature Range
- 55
°C to + 125°C
Storage Temperature Range
- 55
°C to + 150°C
Noise
< - 30dB
Thermal EMF
0.08
µV/°C
Shelf Life Stability: Absolute
100ppm
1 year @ + 25
°C
Ratio
20ppm
1 year @ + 25
°C
OSOP Series resistor networks feature a space saving 25
Mil lead pitch versus the current 50 Mil pitch standard. This
allows users to reduce board space more than 50% over
current standards. The OSOP Series feature 10 isolated
resistors in a 20 lead style available for immediate delivery
in the standard values listed.
1
2
3
4
5
6
7
8
9
11
10
12
13
14
15
16
17
18
19
20
500 ohms
10K ohms
1K ohms
20K ohms
2K ohms
50K ohms
5K ohms
100K ohms
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Consult factory for additional values.
STANDARD RESISTANCE OFFERING (R1 = )
STANDARD ELECTRICAL SPECIFICATIONS
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
q
TYPICAL PERFORMANCE


Similar Part No. - OSOPA2002B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OSOPA1003AT0 VISHAY-OSOPA1003AT0 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
OSOPA1003AT1 VISHAY-OSOPA1003AT1 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
OSOPA1003AT3 VISHAY-OSOPA1003AT3 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
OSOPA1003AT5 VISHAY-OSOPA1003AT5 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
OSOPA1003ATF VISHAY-OSOPA1003ATF Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
More results

Similar Description - OSOPA2002B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
25-Jan-02
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
11-Jun-07
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
07-Nov-07
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
14-Nov-08
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
02-Oct-08
ORN VISHAY-ORN Datasheet
375Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
10-Aug-07
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
16-Apr-08
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com