Electronic Components Datasheet Search
  English  ▼

X  

OSOPA2002B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # OSOPA2002B
Description  Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OSOPA2002B Datasheet(HTML) 2 Page - Vishay Siliconix

  OSOPA2002B Datasheet HTML 1Page - Vishay Siliconix OSOPA2002B Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
17
OSOP
Vishay Thin Film
Document Number: 60002
Revision 03-May-01
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
DIMENSIONS AND IMPRINTING in inches and millimeters
Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
DIMENSION
INCHES
MILLIMETERS
A
0.344
8.74
B
0.154
3.91
C
0.237
6.02
D
0.025
0.635
E
0.010
±0.002
0.25
±0.05
F
0.062
1.58
G
0.068
1.73
H
0.010
±0.002
0.25
±0.05
I
0.025
0.64
J
0.057
1.47
J
A
B
D
H
E
F
G
C
I
Part
Number
Marking
Date
Code
Logo
PIN 1
Locator
Resistive Element
Tamelox®
Substrate Material
Silicon
Body
Molded Epoxy
Terminal
Copper Alloy 194 Solderable
Lead Coplanarity
± 0.004” (± 0.50mm)
Marking Resistance to Solvents
per MIL-PRF-83401
MECHANICAL SPECIFICATIONS
Series
Schematic
Resistance Value
Tolerance and Ratio Tolerance
OSOP =
A = 10 nominally equal
The first 3 digits are significant
Abs. Tol.
Ratio
20 leaded
resistors with each
figures and the last digit specifies
*A =
±0.1%
±0.05%
SO style
resistor isolated from
the number of zeros to follow.
B =
±0.1%
±0.1%
all others and wired
eg. 1001 = 1K
C =
±0.25%
±0.1%
directly across
1002 = 10K
D =
±0.5%
±0.1%
F =
±1.0%
±0.5%
*Tolerance available on
1K ohm and up only.
How to Order
Example: OSOPA5000B is a 20 lead small outline molded network with 10 resistors, 500 ohms each resistor, 0.1% absolute
tolerance, 0.1% ratio to R1.
All parts are shipped in tubes unless tape and reel packaging is requested.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com