Electronic Components Datasheet Search
  English  ▼

X  

BRI630 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BRI630
Description  N-Channel Power MOSFET (200V/9A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BRI630 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BRI630 Datasheet HTML 1Page - First Silicon Co., Ltd BRI630 Datasheet HTML 2Page - First Silicon Co., Ltd BRI630 Datasheet HTML 3Page - First Silicon Co., Ltd BRI630 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2015. 01. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
BRI630
Revision No : 0
N-Channel Power MOSFET (200V/9A)
GENERAL DESCRIPTION
FEATURE
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD capability
APPLICATION
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
This advanced high voltage MOSFET is designed to stand high
energy in the avalanche mode and switch efficiently.
This new high energy device also offers a drain
Desighed for high voltage, high speed power supplies ,
converters, power motor controls and bridge circuits power supplies
Symbol
Rating
Unit
V
DSS
200
V
I
D(Tc=25℃)
9
A
I
D(Tc=100℃)
5.7
A
I
DM
A
V
GSS
±30
V
I
AR
A
9
E
AS
E
AR
P
D(TA=25℃)
2.5
W
P
D(TC=25℃)
46
W
R
QJC
℃
/W
R
QJA
℃
/W
T
J,TSTG
-55 to 150
℃
TO-251 (I-PAK)
1 Gate
2 Drain
3 Source
1
2
3
DIM
MILLIMETERS
A
B
c
D
L
A1
b1
c1
D1
2 20 ± 0 2
1 50 ± 0 15
0 5 ± 0 07
6 50 ± 0 15
2 30 typ
7 70 ± 0 2
0 8 ± 0 1
0 5 ± 0 07
5 1 ± 0 10
e
4 6 ± 0 1
e1
E
5 4 ± 0 20
1 20 ± 0 05
36
160
4.6
mJ
mJ
dv/dt
5.5
V/ns
2.7
110


Similar Part No. - BRI630

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRI1N60 FOSHAN-BRI1N60 Datasheet
864Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI2N60 FOSHAN-BRI2N60 Datasheet
796Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI3N25 FOSHAN-BRI3N25 Datasheet
1,023Kb / 6P
N-CHANNEL MOSFET in a TO-251 Plastic Package
logo
Eldeco Srl
BRI52-A4 ELDECO-BRI52-A4 Datasheet
508Kb / 1P
Standard : UL - IEC 300V - 250V 16A - 24A
logo
PHOENIX CONTACT
BRIDGES PHOENIX-BRIDGES Datasheet
113Kb / 6P
PIT 2,5 BU
More results

Similar Description - BRI630

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
9N65 UTC-9N65 Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
200V, 9A N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
9A,200V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com