Electronic Components Datasheet Search
  English  ▼

X  

BRI630 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BRI630
Description  N-Channel Power MOSFET (200V/9A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BRI630 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BRI630 Datasheet HTML 1Page - First Silicon Co., Ltd BRI630 Datasheet HTML 2Page - First Silicon Co., Ltd BRI630 Datasheet HTML 3Page - First Silicon Co., Ltd BRI630 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2015.01. 10
2/4
BRI630
Revision No : 0
ELECTRICAL CHARACTERISTICS(Ta=25 unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
BV
DSS
V
GS=0V
I
D=250μA
200
V
△
BV
DSS/△TJ
I
D=250μA
0.2
V/℃
V
DS=200V
V
GS=0V
1
μA
I
DSS
V
DS=160V
T
C=125℃
10
μA
I
GSS
V
GS=±25V
V
DS=0V
±0.1
μA
V
GS(th)
V
DS=VGS
I
D=250μA
2
4
V
R
DS(on)
V
GS=10V
I
D=4.5A
0.34
0.4
Ω
g
FS
V
DS=40V
I
D=4.5A
4.2
S
C
iss
420
550
C
oss
85
110
C
rss
V
DS=25V
V
GS=0V
f=1MHz
35
45
pF
t
d(on)
t
r
t
d(off)
t
f
V
DD=100V
I
D=9A
R
G=25Ω
64
140
ns
Q
g
Q
gs
Q
gd
V
DS=160V
I
D=9A
V
GS=10V
9.5
nC
I
S
A
I
SM
A
V
SD
V
GS=0V
I
S=9A
1.5
V
t
rr
Q
rr
V
GS=0V
I
S=9A
dI
F/dt=100A/μs
0.68
μC
8
30
75
160
47
110
19
25
3
nC
nC
7
28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com