Electronic Components Datasheet Search
  English  ▼

X  

HB28K032MM3 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HB28K032MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28K032MM3 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HB28K032MM3 Datasheet HTML 78Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 79Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 80Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 81Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 82Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 83Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 84Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 85Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 82 of 89
Operating Characteristics
The operating characteristics are parameters measured in a MultiMediaCard system assuming the
recommended operating conditions (refer to Chapter “Recommended Operating Conditions”).
Parameter
Symbol
Min
Typ
Max
Unit Remark
High speed supply
current
32 MByte
80
mA
at 20 MHz, 3.6 V
64 MByte
80
mA
128 MByte
80
mA
256 MByte
80
mA
512 MByte
80
mA
Minimal supply
current
32 MByte
2.0
mA
at 0 Hz, 3.6 V stby
state
64 MByte
2.0
mA
128 MByte
2.0
mA
256 MByte
2.0
mA
512 MByte
2.0
mA
Typical supply
current
Single Block Read
20
mA
at 20 MHz, 3.0 V
+25
°C
Single Block Write
35
mA
at 20 MHz, 3.0 V
+25
°C
All digital inputs
(Including I/O
current)
Input leakage
current
−10
10
µA
All outputs
High-level output
voltage
V
OH
0.75
×
V
CC
V
at min I
OH
Low-level output
voltage
V
OL
0.125
×
V
CC
V
at max I
OL
Inputs: CMD, DAT
(Referred to CLK),
DI (Referred to
SCLK), CS
Input set-up time
t
ISU
3
ns
Input hold time
t
IH
3
ns
Outputs: CMD, DAT
(Referred to CLK),
DO (Referred to
SCLK)
Output set-up time
t
OSU
5
ns
Output hold time
t
OH
5
ns
at t
LH = 10 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com