Electronic Components Datasheet Search
  English  ▼

X  

HB28K032MM3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HB28K032MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28K032MM3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HB28K032MM3 Datasheet HTML 1Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 2Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 3Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 4Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 5Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 6Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 7Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 8Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 3 of 89
Block Diagram
12
34
VPP
Generator
56
7
Internal clock
Interface
CID[127:0]
OCR[31:0]
Flash control
Core control
CSD[127:0]
RCA[15:0]
VCC
CS CMD/DI
DAT/DO
CLK/SCLK
Interface driver
Memory core
All units in these Renesas MultiMediaCards are clocked by an internal clock generator. The Interface
driver unit synchronizes the DAT and CMD signals from external CLK to the internal used clock signal.
The card is controlled by the three line MultiMediaCard interface containing the signals: CMD, CLK,
DAT (refer to Chapter “Interfaces”). For the identification of the MultiMediaCard in a stack of
MultiMediaCards, a card identification register (CID) and a relative card address register (RCA) are
foreseen. An additional register contains different types of operation parameters. This register is called
card specific data register (CSD). The communication using the MultiMediaCard lines to access either the
memory field or the registers is defined by the MultiMediaCard standard (refer to Chapter
“Communication”). The card has its own power on detection unit. No additional master reset signal is
required to setup the card after power on. It is protected against short circuit during insertion and removal
while the MultiMediaCard system is powered up (refer to Chapter “Power Supply”). No external
programming voltage supply is required. The programming voltage is generated on card.
These Renesas MultiMediaCards support a second interface operation mode the SPI interface mode. The
SPI mode is activated if the CS signal is asserted (negative) during the reception of the reset command
(CMD0) (refer to Chapter “SPI Communication”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com