Electronic Components Datasheet Search
  English  ▼

X  

DTC114T Datasheet(PDF) 4 Page - ON Semiconductor

Part # DTC114T
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114T Datasheet(HTML) 4 Page - ON Semiconductor

  DTC114T Datasheet HTML 1Page - ON Semiconductor DTC114T Datasheet HTML 2Page - ON Semiconductor DTC114T Datasheet HTML 3Page - ON Semiconductor DTC114T Datasheet HTML 4Page - ON Semiconductor DTC114T Datasheet HTML 5Page - ON Semiconductor DTC114T Datasheet HTML 6Page - ON Semiconductor DTC114T Datasheet HTML 7Page - ON Semiconductor DTC114T Datasheet HTML 8Page - ON Semiconductor DTC114T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DTC114E SERIES
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
DTC114E
10
020
30
IC, COLLECTOR CURRENT (mA)
10
1
0.1
TA = –25°C
75
°C
25
°C
40
50
1
0.1
0.01
0.001
020
40
60
80
IC, COLLECTOR CURRENT (mA)
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
TA =75°C
25
°C
–25
°C
TA = –25°C
25
°C
IC/IB = 10
75
°C
25
°C
TA = –25°C
100
10
1
0.1
0.01
0.001
0
123
4
Vin, INPUT VOLTAGE (VOLTS)
5
678
9
10
50
0
1020
3040
4
3
1
2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
75
°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VCE = 10 V
VO = 0.2 V
Figure 1. Derating Curve
250
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RθJA = 625°C/W
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. VCE(sat) versus IC
Figure 6. VCE(sat) versus IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com