Electronic Components Datasheet Search
  English  ▼

X  

DTC114T Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTC114T
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114T Datasheet(HTML) 5 Page - ON Semiconductor

  DTC114T Datasheet HTML 1Page - ON Semiconductor DTC114T Datasheet HTML 2Page - ON Semiconductor DTC114T Datasheet HTML 3Page - ON Semiconductor DTC114T Datasheet HTML 4Page - ON Semiconductor DTC114T Datasheet HTML 5Page - ON Semiconductor DTC114T Datasheet HTML 6Page - ON Semiconductor DTC114T Datasheet HTML 7Page - ON Semiconductor DTC114T Datasheet HTML 8Page - ON Semiconductor DTC114T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DTC114E SERIES
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
DTC124E
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
75
°C
25
°C
100
0
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
0.01
0.001
24
68
10
TA = –25°C
0
IC, COLLECTOR CURRENT (mA)
100
TA = –25°C
75
°C
10
1
0.1
10
20
30
40
50
Figure 11. Input Voltage versus Output Current
0.001
TA = –25°C
75
°C
25
°C
0.01
0.1
1
40
IC, COLLECTOR CURRENT (mA)
020
60
80
50
0
1020
3040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
25
°C
TA =75°C
–25
°C
VCE = 10 V
25
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com