Electronic Components Datasheet Search
  English  ▼

X  

FAC1482F Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FAC1482F
Description  2A , 23V Synchronus Rectified Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1482F Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FAC1482F Datasheet HTML 5Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 6Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 7Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 8Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 9Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 10Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 11Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 12Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FAC1482F
2012.03. 26
10/13
Revision No : 0
Function Description
Component Selection
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin.The voltage
divider divides the output voltage down to the
feedback voltage by the ratio:
Where VFB is the feedback voltage and VOUT is the
output voltage.Thus the output voltage is:
R2 can be as high as 100kΩ, but a typical value is
10kΩ. Using the typical value for R2, R1 is determined
by:
For example, for a 3.3V output voltage, R2 is 10kΩ,
and R1 is 26.1kΩ.
Inductor
The inductor is required to supply constant current to
the output load while being driven by the switched
input voltage. A larger value inductor will result in less
ripple current that will result in lower output ripple
voltage. However,the larger value inductor will have a
larger physical size, higher series resistance, and/or
lower saturation current. A good rule for determining
the inductance to use is to allow the peak-to-peak
ripple current in the inductor to be approximately 30%
of the maximum switch current limit. Also, make sure
that the peak inductor current is below the maximum
switch current limit. The inductance value can be
calculated by:
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is the
peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under the
maximum inductor peak current. The peak inductor
current can be calculated by:
Where ILOAD is the load current.
The choice of which style inductor to use mainly
depends on the price vs. size requirements and any
EMI requirements.
Optional Schottky Diode
During the transition between high-side switch and
low-side switch, the body diode of the lowside power
MOSFET conducts the inductor current. The forward
voltage of this body diode is high. An optional Schottky
diode may be paralleled between the SW pin and
GND pin to improve overall efficiency. Table 1 lists
example Schottky diodes and their Manufacturers.
Part Number Voltage/Current Vendor
B130
30V, 1A
SK13
30V, 1A
Firstsilicon
MBRS130
30V, 1A
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic
capacitors are preferred, but tantalum or low-ESR
electrolytic capacitors may also suffice. Choose X5R
or X7R dielectrics when using ceramic capacitors.
VFB = Vout (R2/R1+R2)
VOUT = 0.923 (R1+R2/R2)
R1 = 10.83 * (Vout-0.923) (㏀)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com