Electronic Components Datasheet Search
  English  ▼

X  

FAC1482F Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FAC1482F
Description  2A , 23V Synchronus Rectified Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1482F Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FAC1482F Datasheet HTML 5Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 6Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 7Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 8Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 9Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 10Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 11Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 12Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FAC1482F
2012.03. 26
11/13
Revision No : 0
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple current
rating. The RMS current in the input capacitor can be
estimated by:
The worst-case condition occurs at VIN = 2VOUT,where
IC1 = ILOAD/2. For simplification, choose the input
capacitor whose RMS current rating greater than half
of the maximum load current.
The input capacitor can be electrolytic, tantalum or
ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic capacitor, i.e.
0.1μF, should be placed as close to the IC as possible.
When using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at input. The input
voltage ripple for low ESR capacitors can be
estimated by:
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC
output voltage. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. Low ESR
capacitors are preferred to keep the output voltage
ripple low. The output voltage ripple can be estimated
by:
Where C2 is the output capacitance value and RESR is
the equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the impedance at
the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
In the case of tantalum or electrolytic capacitors,the
ESR dominates the impedance at the switching
frequency. For simplification, the output ripple can be
approximated to:
The characteristics of the output capacitor also affect
the stability of the regulation system. The FAC1482F can
be optimized for a wide range of capacitance and ESR
values.
Compensation Components
FAC1482F employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are controlled
through the COMP pin. COMP pin is the output of the
internal transconductance error amplifier. A series
capacitor-resistor combination sets a pole-zero
combination to control the characteristics of the control
system.
The DC gain of the voltage feedback loop is given by:
Where AVEA is the error amplifier voltage gain;GCS is
the current sense transconductance and RLOAD is the
load resistor value.
The system has two poles of importance. One is due
to the compensation capacitor (C3) and the output
resistor of the error amplifier, and the other is due to
the output capacitor and the load resistor. These poles
are located at:
Where GEA is the error amplifier transconductance.
fP2 =
2∏*C2*RLOAD
1
fP1 =
2∏*C3*AVEA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com