Electronic Components Datasheet Search
  English  ▼

X  

FAC1501H Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC1501H
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1501H Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC1501H Datasheet HTML 1Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 2Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 3Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 4Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 5Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 6Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 7Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 8Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2012. 05. 25
4/15
Revision No : 0
FAC1501H
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
t
u
p
n
I
IN
-0.3 to 60
V
V
e
g
a
t
l
o
V
n
i
P
k
c
a
b
d
e
e
F
FB
-0.3 to Vin+0.3
V
V
e
g
a
t
l
o
V
n
i
P
F
F
O
/
N
O
EN
-0.3 to Vin+0.3
V
V
e
g
a
t
l
o
V
n
i
P
t
u
p
t
u
O
SW
-0.3 to Vin+0.3
V
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
D
Internally limited
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
J
150
ºC
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65 to 150
ºC
T
)
c
e
s
0
1
,
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
LEAD
260
ºC
V
0
0
0
2
)
M
B
H
(
D
S
E
3
l
e
v
e
L
L
S
M
Thermal Resistance-Junction to Ambient
R
θJA
23
ºC / W
Thermal Resistance-Junction to Case
R
θJC
3.5
ºC / W
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
V
e
g
a
t
l
o
V
t
u
p
n
I
IN
3.6
60
V
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
J
-40
125
ºC
T
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O
A
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com