Electronic Components Datasheet Search
  English  ▼

X  

FAC1501H Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1501H
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1501H Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1501H Datasheet HTML 1Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 2Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 3Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 4Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 5Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 6Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 7Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 8Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The FAC1501H is a series of easy to use fixed and
adjustable step-down (buck) switch-mode voltage
regulators. These devices are available in fixed
output voltage of 5V, and an adjustable
output version. Both versions are capable of
driving a 3A load with excellent line and load
regulation.
Requiring a minimum number of
extenal
components, these regulators are simple to use
and include internal frequency compensation, and
a fixed-frequency oscillator.
The output voltage is guaranteed
to
± 3%
tolerance under specified input voltage and
output load conditions. The oscillator frequency is
guaranteed to ±15%. External shutdown is
included, featuring typically 80 µA standby current.
Self protection features include a two stage
frequency reducing current limit for the output
switch and an over temperature shutdown for
complete protection under fault conditions.
The FAC1501H is available in TO-263-5L Package.
Features
Package Types
Figure 1. Package Types of FAC1501H
2012. 05. 25
1/15
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FAC1501H
5V and adjustabl e output versions
Output adjustable from 1.23V to 54V
Fixed 150KHz frequency internal oscillator
Guaranteed 3A output load current
Input voltage range up to 60V
Low power standby mode, IQ typically 80 µA
TTL shutdown capability
Excellent line and load regulation
Requires only 4 external components
High efficiency
Thermal shutdown and current limit protection
Available in TO-263 packages
Applications
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Battery charger
Step-down to 3.3V for microprocessors
3A 150KHz PWM Buck DC/DC Converter
TO-263-5L


Similar Part No. - FAC1501H

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507D5 FS-FAC1507D5 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507DR FS-FAC1507DR Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
FAC1509F5 FS-FAC1509F5 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1501H

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com