Electronic Components Datasheet Search
  English  ▼

X  

J309 Datasheet(PDF) 1 Page - ON Semiconductor

Part # J309
Description  JFET VHF/UHF Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J309 Datasheet(HTML) 1 Page - ON Semiconductor

  J309 Datasheet HTML 1Page - ON Semiconductor J309 Datasheet HTML 2Page - ON Semiconductor J309 Datasheet HTML 3Page - ON Semiconductor J309 Datasheet HTML 4Page - ON Semiconductor J309 Datasheet HTML 5Page - ON Semiconductor J309 Datasheet HTML 6Page - ON Semiconductor J309 Datasheet HTML 7Page - ON Semiconductor J309 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
JFET VHF/UHF Amplifiers
N–Channel — Depletion
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain – Source Voltage
VDS
25
Vdc
Gate–Source Voltage
VGS
25
Vdc
Forward Gate Current
IGF
10
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Junction Temperature Range
TJ
– 65 to +125
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate – Source Breakdown Voltage
(IG = –1.0 µAdc, VDS = 0)
V(BR)GSS
–25
—
—
Vdc
Gate Reverse Current
(VGS = –15 Vdc, VDS = 0, TA = 25°C)
(VGS = –15 Vdc, VDS = 0, TA = +125°C)
IGSS
—
—
—
—
–1.0
–1.0
nAdc
µAdc
Gate Source Cutoff Voltage
(VDS = 10 Vdc, ID = 1.0 nAdc)
J308
J309
J310
VGS(off)
– 1.0
– 1.0
– 2.0
—
—
—
– 6.5
– 4.0
– 6.5
Vdc
ON CHARACTERISTICS
Zero – Gate –Voltage Drain Current(1)
(VDS = 10 Vdc, VGS = 0)
J308
J309
J310
IDSS
12
12
24
—
—
—
60
30
60
mAdc
Gate–Source Forward Voltage
(VDS = 0, IG = 1.0 mAdc)
VGS(f)
—
—
1.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Common–Source Input Conductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 MHz)
J308
J309
J310
Re(yis)
—
—
—
0.7
0.7
0.5
—
—
—
mmhos
Common–Source Output Conductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 MHz)
Re(yos)
—
0.25
—
mmhos
Common–Gate Power Gain
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 MHz)
Gpg
—
16
—
dB
1. Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 3.0%.
Order this document
by J308/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
J308
J309
J310
Motorola Preferred Devices
CASE 29–04, STYLE 5
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
1 DRAIN
2 SOURCE
3
GATE


Similar Part No. - J309

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J309 FAIRCHILD-J309 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
J309 FAIRCHILD-J309 Datasheet
561Kb / 13P
N-Channel RF Amplifier
logo
Calogic, LLC
J309 CALOGIC-J309 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
J309 LINEAR-J309 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
66Kb / 5P
JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
More results

Similar Description - J309

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
J309 ONSEMI-J309 Datasheet
66Kb / 5P
JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
JFET VHF/UHF Amplifiers N-Channel ??Depletion
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com