Electronic Components Datasheet Search
  English  ▼

X  

J309 Datasheet(PDF) 5 Page - ON Semiconductor

Part # J309
Description  JFET VHF/UHF Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J309 Datasheet(HTML) 5 Page - ON Semiconductor

  J309 Datasheet HTML 1Page - ON Semiconductor J309 Datasheet HTML 2Page - ON Semiconductor J309 Datasheet HTML 3Page - ON Semiconductor J309 Datasheet HTML 4Page - ON Semiconductor J309 Datasheet HTML 5Page - ON Semiconductor J309 Datasheet HTML 6Page - ON Semiconductor J309 Datasheet HTML 7Page - ON Semiconductor J309 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
J308 J309 J310
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 12. 450 MHz IMD Evaluation Amplifier
BW (3 dB) – 36.5 MHz
ID – 10 mAdc
VDS – 20 Vdc
Device case grounded
IM test tones – f1 = 449.5 MHz, f2 = 450.5 MHz
C1 = 1–10 pF Johanson Air variable trimmer.
C2, C5 = 100 pF feed thru button capacitor.
C3, C4, C6 = 0.5–6 pF Johanson Air variable
trimmer.
L1 = 1/8
″ x 1/32″ x 1–5/8″ copper bar.
L2, L4 = Ferroxcube Vk200 choke.
L3 = 1/8
″ x 1/32″ x 1–7/8″ copper bar.
INPUT
RS = 50 Ω
C1
C2
L1
L2
VS
S
G
D
SHIELD
C3
U310
C4
VD
L3
C5
L4
C6
OUTPUT
RL = 50 Ω
Amplifier power gain and IMD products are a function of the load impedance. For the amplifier design shown above with C4 and
C6 adjusted to reflect a load to the drain resulting in a nominal power gain of 9 dB, the 3rd order intercept point (IP) value is
29 dBm. Adjusting C4, C6 to provide larger load values will result in higher gain, smaller bandwidth and lower IP values. For
example, a nominal gain of 13 dB can be achieved with an intercept point of 19 dBm.
Example of intercept point plot use:
Assume two in–band signals of –20 dBm at the amplifier input.
They will result in a 3rd order IMD signal at the output of
–90 dBm. Also, each signal level at the output will be
–11 dBm, showing an amplifier gain of 9.0 dB and an
intermodulation ratio (IMR) capability of 79 dB. The gain and
IMR values apply only for signal levels below comparison.
Figure 13. Two Tone 3rd Order Intercept Point
–20
–40
–60
–80
–100
–120
–120
+20
–100
–80
–60
INPUT POWER PER TONE (dBm)
0
+20
+40
–40
–20
0
3RD ORDER INTERCEPT POINT
FUNDAMENTAL OUTPUT
3RD ORDER IMD OUTPUT
U310 JFET
VDS = 20 Vdc
ID = 10 mAdc
F1 = 449.5 MHz
F2 = 450.5 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com