Electronic Components Datasheet Search
  English  ▼

X  

FC1350 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC1350
Description  350mA LED Lighting Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1350 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC1350 Datasheet HTML 1Page - First Silicon Co., Ltd FC1350 Datasheet HTML 2Page - First Silicon Co., Ltd FC1350 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FC1350
350mA LED Lighting Driver
Description
The FC1350 is capable of driving single or multiple
series connected LEDs e ciently from a voltage source
higher than the LED voltage. This step-down converter
provides an externally adjustable output current of up to
350mA from an input supply between 7V and 32V.
It
can even reach 8 watts of output power, depending on
supply voltage and external components.
The FC1350 consists of an output switch and a
high-side output current sensing circuit that uses an
external resistor to set the nominal average output
current. Through applying an external control signa l to
Features
• Built in thermal and over current shut down.
• Internal 32V Power MOS switch
• 350mA output current
• Single pin on/o and dimming control using
DC voltage or PWM at ADJ pin.
• Internal PWM lter
• Soft-start
• High e ciency (up to 90%)
• Wide input voltage range: 7V to 32V
• 40V transient capability
• Output shutdown
• Up to 1MHz switching frequency
• Inherent open-circuit LED protection
• Typical 5% output current accuracy
Applications
• MR16 and general lighting
• Automotive lighting
• Low voltage industrial lighting
• LED back lighting
• Illuminated signs
the 'ADJ' pin, it can adjust the output current to above
or below the set value. The ADJ pin will accept eit her a
DC voltage or a PWM waveform to provide a
continuous or a gated output current.
The chip contains a PWM lter which provides a
soft-start feature by controlling the rise of input /output
current.
It can raise the soft-start by using an external
capacitor from the ADJ pin to ground. Applying a
voltage of 0.2V or lower to the ADJ pin turns the output
o and switches the device into a low current stan dby
state.
2008. 9. 29
1/3
SEMICONDUCTOR
TECHNICAL DATA
FC1350
Revision No : 0
FC1350


Similar Part No. - FC1350

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC135 SANYO-FC135 Datasheet
45Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC1350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Silan Microelectronics ...
SD42351NA SILAN-SD42351NA Datasheet
334Kb / 4P
350MA WHITE SINGLE LED DRIVER
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350 Datasheet
339Kb / 15P
350mA, LED Lighting Driver
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
Single Cell 350mA LED Driver
logo
Union Semiconductor, In...
UM1350 UNIONSEMI-UM1350_14 Datasheet
368Kb / 15P
350mA, LED Lighting Driver
logo
Diodes Incorporated
ZXLD1350Q DIODES-ZXLD1350Q Datasheet
858Kb / 19P
AUTOMOTIVE GRADE 350mA BUCK LED DRIVER
Rev 1
ZXLD1350Q DIODES-ZXLD1350Q_17 Datasheet
767Kb / 21P
AUTOMOTIVE COMPLIANT 350mA BUCK LED DRIVER
Rev 2
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com