Electronic Components Datasheet Search
  English  ▼

X  

FC1350 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC1350
Description  350mA LED Lighting Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC1350 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC1350 Datasheet HTML 1Page - First Silicon Co., Ltd FC1350 Datasheet HTML 2Page - First Silicon Co., Ltd FC1350 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
(test condition: Vin = 12V DC, Ta = 25C)
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
it
i
d
n
o
C
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Vin
V
2
3
7
e
g
a
tl
o
v
t
u
p
n
I
Vsu
Internal regulator start-up threshold
Vin rising
4.8
V
IINQo
Quiescent supply current with output
o
ADJ pin
grounded
20
uA
IINQon
Quiescent supply current with output
switching
ADJ pin oating
f=250kHz
500
uA
VSENSE
Mean current sense threshold voltage
(de nes LED current setting
accuracy)
Measured on
ISENSE pin
with respect to
VIN VADJ
=1.25V
100
mV
VSENSEHYS
Sense threshold hysteresis
+/-15%
VREF
Internal reference voltage
Measured on
ADJ pin with
pin oating
1.25
V
VADJ
External control voltage range on ADJ
pin for dc brightness control (†)
0.3
2.5
V
TOP
Operating temperature. For function
only. No guarantee for parametric.
Vin = 12V
-20
85
Deg C
2008. 9. 29
2/3
SEMICONDUCTOR
TECHNICAL DATA
FC1350
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com