Electronic Components Datasheet Search
  English  ▼

X  

LF441CD Datasheet(PDF) 1 Page - ON Semiconductor

Part # LF441CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441CD Datasheet(HTML) 1 Page - ON Semiconductor

  LF441CD Datasheet HTML 1Page - ON Semiconductor LF441CD Datasheet HTML 2Page - ON Semiconductor LF441CD Datasheet HTML 3Page - ON Semiconductor LF441CD Datasheet HTML 4Page - ON Semiconductor LF441CD Datasheet HTML 5Page - ON Semiconductor LF441CD Datasheet HTML 6Page - ON Semiconductor LF441CD Datasheet HTML 7Page - ON Semiconductor LF441CD Datasheet HTML 8Page - ON Semiconductor LF441CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LF441C
LF442C
LF444C
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
JFET INPUT
OPERATIONAL AMPLIFIERS
Order this document by LF441C/D
1
+
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
Offset Null
Inputs
VEE
(Single, Top View)
NC
VCC
Output
Offset Null
Output 1
Inputs 1
VEE
(Dual, Top View)
Inputs 2
Output 2
VCC
1
2
3
4
8
7
6
5
+
–
–
–
+
2
1
2
3
4
8
7
6
5
8
1
8
1
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 646
Output 1
Inputs 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Quad, Top View)
1
2
3
4
5
6
78
9
10
11
12
13
14
4
23
++
++
1
14
1
14
1
––
––
PIN CONNECTIONS
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power JFET Input
Operational Amplifiers
These JFET input operational amplifiers are designed for low power
applications. They feature high input impedance, low input bias current and
low input offset current. Advanced design techniques allow for higher slew
rates, gain bandwidth products and output swing. The LF441C device
provides for the external null adjustment of input offset voltage.
These devices are specified over the commercial temperature range. All
are available in plastic dual in–line and SOIC packages.
• Low Supply Current: 200 µA/Amplifier
• Low Input Bias Current: 5.0 pA
• High Gain Bandwidth: 2.0 MHz
• High Slew Rate: 6.0 V/µs
• High Input Impedance: 1012 Ω
• Large Output Voltage Swing: ±14 V
• Output Short Circuit Protection
Representative Schematic Diagram
(Each Amplifier)
1
5
VEE
LF441C input offset voltage
null adjust circuit
100 k
Ω
1.5 k
Ω
15
*
*
Inputs
J1
J2
R1
R2
R3
R4
Q1
Q2
Q3
Q4
Q5
R5
C1
C2
Q6
D1
Q7
D2
VEE
Output
VCC
*Null adjustment pins for LF441 only.
+
+
ORDERING INFORMATION
Device
Function
Operating
Temperature Range
Package
LF441CD
LF441CN
Single
T0
°
70
°C
SO–8
Plastic DIP
LF442CD
LF442CN
Dual
TA = 0° to +70°C
SO–8
Plastic DIP
LF444CD
LF444CN
Quad
SO–14
Plastic DIP
© Motorola, Inc. 1996
Rev 0


Similar Part No. - LF441CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF441CM TI1-LF441CM Datasheet
484Kb / 12P
LF441 Low Power JFET Input Operational Amplifier
LF441CN TI1-LF441CN Datasheet
484Kb / 12P
LF441 Low Power JFET Input Operational Amplifier
More results

Similar Description - LF441CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_10 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI1-TL061 Datasheet
2Mb / 52P
Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
TL06xx Low-Power JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com