Electronic Components Datasheet Search
  English  ▼

X  

LF441CD Datasheet(PDF) 3 Page - ON Semiconductor

Part # LF441CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441CD Datasheet(HTML) 3 Page - ON Semiconductor

  LF441CD Datasheet HTML 1Page - ON Semiconductor LF441CD Datasheet HTML 2Page - ON Semiconductor LF441CD Datasheet HTML 3Page - ON Semiconductor LF441CD Datasheet HTML 4Page - ON Semiconductor LF441CD Datasheet HTML 5Page - ON Semiconductor LF441CD Datasheet HTML 6Page - ON Semiconductor LF441CD Datasheet HTML 7Page - ON Semiconductor LF441CD Datasheet HTML 8Page - ON Semiconductor LF441CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LF441C LF442C LF444C
3
MOTOROLA ANALOG IC DEVICE DATA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 10 kΩ, CL = 10 pF, AV = +1.0)
SR
0.6
6.0
–
V/
µs
Settling Time
To within 10 mV
ts
–
1.6
–
µs
(AV = –1.0, RL = 10 kΩ, VO = 0 V to +10 V)
To within 1.0 mV
–
2.2
–
Gain Bandwidth Product (f = 200 kHz)
GBW
0.6
2.0
–
MHz
Equivalent Input Noise Voltage (RS = 100 Ω, f = 1.0 kHz)
en
–
47
–
nV/ Hz
√
Equivalent Input Noise Current (f = 1.0 kHz)
in
–
0.01
–
pA/ Hz
√
Input Resistance
Ri
–
1012
–
Ω
Channel Separation (f = 1.0 Hz to 20 kHz)
CS
–
120
–
dB
TA, AMBIENT TEMPERATURE (°C)
VICR, INPUT COMMON MODE VOLTAGE (V)
VCC,  VEE, SUPPLY VOLTAGE (V)
2400
2000
1600
1200
800
400
0
–55 –40 –20
0
20
40
60
80
100
120 140
160
TA, AMBIENT TEMPERATURE (°C)
Figure 1. Maximum Power Dissipation versus
Temperature for Package Variations
Figure 2. Input Bias Current versus
Input Common Mode Voltage
Figure 3. Input Bias Current versus Temperature
Figure 4. Supply Current versus Supply Voltage
8 & 14 Pin Plastic
Package
SO–14
SO–8
VCC = +15 V
VEE = –15 V
TA = 25°C
20
15
10
5.0
0
1000
100
10
1.0
0.1
0.01
0.001
300
260
220
180
140
100
–10
–5.0
0
5.0
10
–55
–25
0
25
50
75
100
125
0
5.0
10
15
20
25
VCC = +15 V
VEE = –15 V
VCM = 0 V
125
°C
25
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com