Electronic Components Datasheet Search
  English  ▼

X  

DTA124E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTA124E
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA124E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTA124E Datasheet HTML 1Page - First Silicon Co., Ltd DTA124E Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space.
• Simplifies Circuit Design
• Reduces Board Space and Component Count
Bias Resistor Transistor
SEMICONDUCTOR
TECHNICAL DATA
DTA124E
1
2
3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
3.25 MAX
4.20 MAX
0.48 MAX
1.52 0.1
1.27
15.30 0.20
0.76
45
0.51 MAX
H
J
E
E
H
J
C
K
0.25
K
B
+
_
+
_
1. EMITTER(GND)
2. COLLECTOR(Output)
3. BASE(Input)
Absolute maximum ratings(Ta=25 )
Parameter
Symbol
Value
Unit
Supply voltage
VCC
V
-50
Input voltage
VIN
V
-40~10
IO
-30
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
300
mW
Junction temperature
Tj
0
5
1
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
V (off)
Vcc=-5V, Io=-100uA
-0.5
Input voltage
V (on)
-3
V
Vo=0.2V, Io=-5mA
Output voltage
VO(on)
Io/Ii=-10mA/-0.5mA
Input current
II
Vi=-5V
Output current
IO(off)
Vcc=-50V ,Vi=0
DC current gain
GI
Input resistance
R1
㏀
Resistance ratio
R2/R1
2
1
0.8
Transition frequency
fT
Vo=-10V ,Io=-5㎃,f=100㎒
2012.01.30
1/2
Revision No : 0
Vo=-5V, Io=-5mA
56
15.4
22
28.6
V
-0.3
㎃
-0.36
㎂
-0.5
㎒
250
IN
GND
OUT
GND
OUT
R2
R1
IN 3
2
1


Similar Part No. - DTA124E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124E ONSEMI-DTA124E Datasheet
165Kb / 8P
PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA124E ROHM-DTA124E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTA124E ROHM-DTA124E Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA124E UTC-DTA124E Datasheet
211Kb / 3P
PNP DIGITAL TRANSISTOR
More results

Similar Description - DTA124E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com