Electronic Components Datasheet Search
  English  ▼

X  

DTA124E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTA124E
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA124E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTA124E Datasheet HTML 1Page - First Silicon Co., Ltd DTA124E Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
DTA124E
2012.01. 30
2/2
Revision No : 0
OUTPUT CURRENT : IO
(A)
-100
-50
-20
-10
-5
-2
-1
-500m
-200m
-100m
-100µ
-1m
-10m
-100m
-200µ
-2m
-20m
-500µ
-5m
-50m
VO=-0.3V
25 C
100 C
Ta= −40 C
Fig.1 Input voltage vs. output current
(ON characteristics)
0
.
3
-
0
-10m
-1µ
-2m
-5m
-1m
-200µ
-500µ
-100µ
-20µ
-50µ
-10µ
-2µ
-5µ
-0.5
-1.0
-1 5
-2 0
-2.5
VCC=-5V
NPUT VOLTAGE : VI (off)
(V)
Ta=100 C
25 C
-40 C
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO=-5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
-100µ
-1m
-10m
-100m
-200µ
-2m
-20m
-500µ
-5m
-50m
25 C
-40 C
Ta=100 C
Fig.3 DC current gain vs. output
current
lO/lI=20
-100µ
-1m
-10m
-100m
-200µ
-2m
-20m
-500µ
-5m
-50m
-1
-500m
-200m
-100m
-10m
-50m
-5m
-20m
-2m
-1m
OUTPUT CURRENT : IO
(A)
Ta=100 C
25 C
-40 C
Fig.4 Output voltage vs. output
current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com