Electronic Components Datasheet Search
  English  ▼

X  

DTC109 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTC109
Description  Bias Resistor Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC109 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTC109 Datasheet HTML 1Page - First Silicon Co., Ltd DTC109 Datasheet HTML 2Page - First Silicon Co., Ltd DTC109 Datasheet HTML 3Page - First Silicon Co., Ltd DTC109 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter
resistor.
The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the SOT-23
package which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25 C
Derate above 25 C
PD
230 (Note 1)
338 (Note 2)
1.8 (Note 1)
2.7 (Note 2)
mW
C/W
Thermal Resistance –
Junction-to-Ambient
RθJA
540 (Note 1)
370 (Note 2)
C/W
Thermal Resistance –
Junction-to-Lead
RθJL
264 (Note 1)
287 (Note 2)
C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
Bias Resistor Transistors
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
SEMICONDUCTOR
TECHNICAL DATA
DTC109
SOT-23
GND
OUT
IN
2010. 4. 22
1/4
Revision No : 0


Similar Part No. - DTC109

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
logo
First Silicon Co., Ltd
DTC101 FS-DTC101 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC102 FS-DTC102 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC103 FS-DTC103 Datasheet
289Kb / 16P
Bias Resistor Transistor
DTC104 FS-DTC104 Datasheet
289Kb / 16P
Bias Resistor Transistor
More results

Similar Description - DTC109

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
Bias Resistor Transistors
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
Bias Resistor Transistors
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LMUN2112LT1G LRC-LMUN2112LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2116LT1G LRC-LMUN2116LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com