Electronic Components Datasheet Search
  English  ▼

X  

DTC109 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DTC109
Description  Bias Resistor Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC109 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DTC109 Datasheet HTML 1Page - First Silicon Co., Ltd DTC109 Datasheet HTML 2Page - First Silicon Co., Ltd DTC109 Datasheet HTML 3Page - First Silicon Co., Ltd DTC109 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
100
1
0
10
20
30
40
5
100
10
0
2
4
1.4
1
0.6
0.2
0
0
5
10
15
20
25
30
35
40
45
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 2. V CE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
10
20
30
40
Figure 3. DC Current Gain
1
100
IC, COLLECTOR CURRENT (mA)
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 6. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
VCE = 10 V
1000
100
1
10
f = 1 MHz
lE = 0 V
TA = 25°C
TA = –25°C
25°C
75°C
75°C
25°C
TA = –25°C
VO = 5 V
VO = 0.2 V
TA = –25°C
25°C
75°C
IC/IB = 10
TA = –25°C
25°C
75°C
1.8
6
8
10
12
14
16
1
0.001
15
25
10
5
15
25
35
10
1.6
1.2
0.8
0.4
2
0.1
0.01
35
2010. 4. 22
3/4
Revision No : 0
DTC109



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com