Electronic Components Datasheet Search
  English  ▼

X  

2901910 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2901910
Description  Single relay - REL-OR/LDP-220DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901910 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2901910 Datasheet HTML 1Page - PHOENIX CONTACT 2901910 Datasheet HTML 2Page - PHOENIX CONTACT 2901910 Datasheet HTML 3Page - PHOENIX CONTACT 2901910 Datasheet HTML 4Page - PHOENIX CONTACT 2901910 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2901910
05/15/2015   Page 1 / 5
Single relay - REL-OR/LDP-220DC/1 - 2901910
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug-in octal relay with power contacts, specially designed for switching high DC loads, 1 N/O contact, detectable
manual operation, status LED, coil voltage: 220 V DC
The figure shows the 24 V DC
version
Product Features
 
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85364900
Country of origin
India
Technical data
Dimensions
Width
35 mm
Height
35 mm
Depth
58.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Coil side
Nominal input voltage UN
220 V DC
Input voltage range in reference to UN
see diagram
Typical input current at UN
7 mA
Power dissipation for nominal condition
1.54 W
Typical response time
20 ms


Similar Part No. - 2901910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901911 PHOENIX-2901911 Datasheet
70Kb / 5P
Single relay - REL-OR/L- 24AC/1
2901912 PHOENIX-2901912 Datasheet
70Kb / 5P
Single relay - REL-OR/L-120AC/1
2901913 PHOENIX-2901913 Datasheet
70Kb / 5P
Single relay - REL-OR/L-230AC/1
More results

Similar Description - 2901910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2834973 PHOENIX-2834973 Datasheet
89Kb / 6P
Single relay - REL-IR/LDP-220DC/4X21AU
2901902 PHOENIX-2901902 Datasheet
70Kb / 5P
Single relay - REL-OR/LDP-110DC/1/MB
2901904 PHOENIX-2901904 Datasheet
69Kb / 5P
Single relay - REL-OR/LDP-220DC/1/MB
2901909 PHOENIX-2901909 Datasheet
70Kb / 5P
Single relay - REL-OR/LDP-110DC/1
2903675 PHOENIX-2903675 Datasheet
105Kb / 5P
Single relay - REL-IR4/LDP-220DC/4X21AU
2908046 PHOENIX-2908046 Datasheet
54Kb / 4P
Single relay - REL-PR1-220DC/1/MB
2903665 PHOENIX-2903665 Datasheet
281Kb / 6P
Single relay - REL-IR2/LDP-220DC/2X21
2903682 PHOENIX-2903682 Datasheet
276Kb / 7P
Single relay - REL-IR4/LDP-220DC/4X21
10/27/2021
2901901 PHOENIX-2901901 Datasheet
216Kb / 4P
Single relay - REL-OR/LDP- 24DC/1/MB
10/27/2021
2901908 PHOENIX-2901908 Datasheet
216Kb / 4P
Single relay - REL-OR/LDP- 24DC/1
10/27/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com